Electronic Components Datasheet Search
  English  ▼

X  

OPA698M Datasheet(PDF) 11 Page - Texas Instruments

Part # OPA698M
Description  UNITY-GAIN STABLE WIDEBAND VOLTAGE LIMITING AMPLIFIER
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

OPA698M Datasheet(HTML) 11 Page - Texas Instruments

Back Button OPA698M Datasheet HTML 7Page - Texas Instruments OPA698M Datasheet HTML 8Page - Texas Instruments OPA698M Datasheet HTML 9Page - Texas Instruments OPA698M Datasheet HTML 10Page - Texas Instruments OPA698M Datasheet HTML 11Page - Texas Instruments OPA698M Datasheet HTML 12Page - Texas Instruments OPA698M Datasheet HTML 13Page - Texas Instruments OPA698M Datasheet HTML 14Page - Texas Instruments OPA698M Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 34 page
background image
www.ti.com
Frequency (MHz)
1
10
100
-45
-50
-55
-60
-65
-70
-75
-80
-85
-90
-95
OPA698
402
Ω
0.02V
PP + 2VDC
Open
402
Ω
V
O
V
H
V
L
G031
Frequency (Hz)
1M
100M
10M
1G
100
10
1
0.1
0.01
0.001
G = +1
R
F = 25Ω
V
O = 0.2VPP
G032
Ambient Temperature (
°C)
-50
-25
0
75
50
25
100
90
85
80
75
70
65
60
55
50
+PSRR
-PSRR
CMRR
G033
Output Current (mA)
-400
-300
-200
-100
0
200
100
300
400
5
4
3
2
1
0
-1
-2
-3
-4
-5
1W Internal
Power Limit
1W Internal
Power Limit
R
L = 25Ω
V
H = -VL = 4.3V
R
L = 50Ω
R
L = 100Ω
G034
TYPICAL CHARACTERISTICS — V
S = +5 V
10
1
100
500
Frequency (MHz)
9
6
3
0
-3
-6
-9
-12
-15
V
O = 0.2VPP
G = +1, R
F = 25Ω, RC = ∞
G = +1, R
F = 25Ω,
R
C = 175Ω
G = +5, R
C = ∞
G = +2, R
C = ∞
See Figure 48
G035
1
10
100
400
Frequency (MHz)
3
0
-3
-6
-9
-12
-15
G = -1
G = -2
G = -5
V
O = 0.2VPP
R
F = 402Ω, RG Adjusted
G036
OPA698M
SGLS287A – MAY 2005 – REVISED MARCH 2006
TYPICAL CHARACTERISTICS — V
S = ±5 V (continued)
LIMITER FEEDTHROUGH
CLOSED-LOOP OUTPUT IMPEDANCE
Figure 31.
Figure 32.
±PSRR AND CMRR vs TEMPERATURE
OUTPUT VOLTAGE AND CURRENT LIMITATIONS
Figure 33.
Figure 34.
NONINVERTING SMALL-SIGNAL
INVERTING SMALL-SIGNAL
FREQUENCY RESPONSE
FREQUENCY RESPONSE
Figure 35.
Figure 36.
11
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com