Electronic Components Datasheet Search
  English  ▼

X  

OPA698M Datasheet(PDF) 9 Page - Texas Instruments

Part # OPA698M
Description  UNITY-GAIN STABLE WIDEBAND VOLTAGE LIMITING AMPLIFIER
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

OPA698M Datasheet(HTML) 9 Page - Texas Instruments

Back Button OPA698M Datasheet HTML 5Page - Texas Instruments OPA698M Datasheet HTML 6Page - Texas Instruments OPA698M Datasheet HTML 7Page - Texas Instruments OPA698M Datasheet HTML 8Page - Texas Instruments OPA698M Datasheet HTML 9Page - Texas Instruments OPA698M Datasheet HTML 10Page - Texas Instruments OPA698M Datasheet HTML 11Page - Texas Instruments OPA698M Datasheet HTML 12Page - Texas Instruments OPA698M Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 34 page
background image
www.ti.com
± Limit Voltage (V)
0.9
1.0
1.1
1.2
1.3
1.4
1.5
1.6
1.7 1.8
1.9
2.0
-40
-50
-60
-70
-80
-90
3rd-Harmonic
2nd-Harmonic
V
O = 0VDC ± 1VP
f = 5MHz
R
L = 500Ω
G019
Frequency (MHz)
0
10
20
30
40
50
50
45
40
35
30
25
20
G = +2V/V
OPA698
402
Ω
402
Ω
50
Ω
500
Ω
P
O
P
I
G020
Capacitive Load (pF)
1
10
100
140
120
100
80
60
40
20
0
G021
Frequency (Hz)
1M
10M
100M
1G
9
6
3
0
-3
-6
V
O = 0.2VPP
C
L = 100pF
C
L = 47pF
C
L = 10pF
C
L = 22pF
OPA698
402
Ω
R
S
402
Ω
NOTE: (1) 1k
Ω is optional.
1k
Ω(1)
C
L
V
IN
G022
Frequency (Hz)
10k
100k
100M
10M
1M
1G
70
60
50
40
30
20
10
0
-10
0
-30
-60
-90
-120
-150
-180
-210
-240
V
O = 0.5VPP
Phase
Gain
G024
Frequency (Hz)
100
1k
1M
100k
10k
10M
100
10
1
Current Noise (2.2pA/
√Hz)
Voltage Noise (5.6nV/
√Hz)
G023
OPA698M
SGLS287A – MAY 2005 – REVISED MARCH 2006
TYPICAL CHARACTERISTICS — V
S = ±5 V (continued)
HARMONIC DISTORTION NEAR
2-TONE, 3RD-ORDER INTERMODULATION
LIMITING VOLTAGES
INTERCEPT ±5 V 500
Ω
Figure 19.
Figure 20.
RECOMMENDED RS
FREQUENCY RESPONSE
vs CAPACITIVE LOAD
vs CAPACITIVE LOAD
Figure 21.
Figure 22.
INPUT VOLTAGE AND CURRENT NOISE DENSITY
OPEN-LOOP FREQUENCY RESPONSE
Figure 23.
Figure 24.
9
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com