Electronic Components Datasheet Search
  English  ▼

X  

OPA699M Datasheet(PDF) 3 Page - Texas Instruments

Part # OPA699M
Description  Wideband, High Gain VOLTAGE LIMITING AMPLIFIER
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

OPA699M Datasheet(HTML) 3 Page - Texas Instruments

  OPA699M Datasheet HTML 1Page - Texas Instruments OPA699M Datasheet HTML 2Page - Texas Instruments OPA699M Datasheet HTML 3Page - Texas Instruments OPA699M Datasheet HTML 4Page - Texas Instruments OPA699M Datasheet HTML 5Page - Texas Instruments OPA699M Datasheet HTML 6Page - Texas Instruments OPA699M Datasheet HTML 7Page - Texas Instruments OPA699M Datasheet HTML 8Page - Texas Instruments OPA699M Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 33 page
background image
OPA699
3
SBOS261D
www.ti.com
OPA699ID
0
°C to
–40
°C to
MIN/
TEST
PARAMETER
CONDITIONS
+25
°C
+25
°C(1)
70
°C(2)
+85
°C(2)
UNITS
MAX LEVEL(3)
AC PERFORMANCE (see Figure 1)
Small Signal Bandwidth (VO < 0.5VPP)
G = +6
260
220
215
210
MHz
min
B
G = +12
86
MHz
typ
C
G = –6
269
MHz
typ
C
Gain Bandwidth Product (G
≥ +20)
VO < 0.5VPP, G = +6
1000
820
800
750
MHz
min
B
Gain Peaking
VO < 0.5VPP, G = +4
7.5
dB
typ
C
0.1dB Gain Flatness Bandwidth
VO < 0.5VPP
30
MHz
typ
C
Large-Signal Bandwidth
VO = 4VPP
290
190
180
170
MHz
min
B
Step Response
Slew Rate
4V Step
1400
1300
1200
1100
V/
µsmin
B
Rise-and-Fall Time
0.5V Step
1.6
1.65
1.8
2
ns
max
B
Settling Time: 0.05%
2V Step
8
ns
typ
C
Spurious-Free Dynamic Range, Even
f = 5MHz, VO = 2VPP
67
64
62
60
dB
min
B
Odd
f = 5MHz, VO = 2VPP
87
85
84
80
dB
min
B
Differential Gain
NTSC, PAL, RL = 500Ω
0.012
%
typ
C
Differential Phase
NTSC, PAL, RL = 500Ω
0.008
°
typ
C
Input Noise Density
Voltage Noise
f
≥ 1MHz
4.1
4.6
5.2
5.5
nV/
√Hz
max
B
Current Noise
f
≥ 1MHz
2.0
2.5
2.7
2.9
pA/
√Hz
max
B
DC PERFORMANCE (VCM = 0V)
Open-Loop Voltage Gain (AOL)VO = ±0.5V
66
58
56
55
dB
min
A
Input Offset Voltage
±1.5
±5.0
±6
±7mV
max
A
Average Drift
—
±15
±20
µV/°Cmax
B
Input Bias Current(4)
+3
±10
±11
±12
µAmax
A
Average Drift
—
±15
±20
nA/
°Cmax
B
Input Offset Current
±0.3
±2
±2.5
±3
µAmax
A
Average Drift
—
±10
±10
nA/
°Cmax
B
INPUT
Common-Mode Rejection Ratio
Input Referred, VCM = ±0.5V
61
55
54
52
dB
min
A
Common-Mode Input Range(5)
±3.3
±3.2
±3.2
±3.1
V
min
A
Input Impedance
Differential-Mode
0.32 || 1
M
Ω || pF
typ
C
Common-Mode
3.5 || 1
M
Ω || pF
typ
C
OUTPUT
VH = –VL = 4.3V
Output Voltage Range
RL ≥ 500Ω±4.1
±3.9
±3.9
±3.8
V
min
A
Current Output, Sourcing
+120
+90
+85
+80
mA
min
A
Sinking
–120
–90
–85
–80
mA
min
A
Closed-Loop Output Impedance
G = +4, f < 100kHz
0.8
Ω
typ
C
POWER SUPPLY
Operating Voltage, Specified
±5
V
typ
C
Maximum
—
±6
±6
±6V
max
A
Quiescent Current, Maximum
VS = ±5V
15.5
15.9
16.3
16.6
mA
max
A
Minimum
VS = ±5V
15.5
15.2
14.9
14.6
mA
min
A
Power-Supply Rejection Ratio
+VS = 4.5V to 5.5V
+PSRR (Input Referred)
75
68
67
66
dB
min
A
TYP
MIN/MAX OVER TEMPERATURE
NOTES: (1) Junction temperature = ambient temperature for low temperature limit and +25
°C Test Level A specifications. Junction temperature = ambient
temperature + 23
°C at high temperature limit Test Level A specifications.
(2) Junction temperature = ambient at low temperature limit; junction temperature = ambient +1
°C at high temperature limit for over-temperature
tested specifications.
(3) Test Levels: (A) 100% tested at +25
°C. Over temperature limits by characterization and simulation. (B) Limits set by characterization and
simulation. (C) Typical value for information only.
(4) Current is considered positive out-of-node.
(5) CMIR tested as < 3dB degradation from minimum CMRR at specified limits.
(6) IVH (VH bias current) is positive, and IVL (VL bias current) is negative, under these conditions. See Note 3 and Figures 1 and 12.
(7) Limiter feedthrough is the ratio of the output magnitude to the sinewave added to VH (or VL) when VIN = 0.
ELECTRICAL CHARACTERISTICS: VS = ±5V
Boldface limits are tested at +25
°C.
G = +6, RF = 750Ω, RL = 500Ω, and VH = –VL = 2V, (see Figure 1 for AC performance only), unless otherwise noted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com