Electronic Components Datasheet Search
  English  ▼

X  

OPA699M Datasheet(PDF) 4 Page - Texas Instruments

Part # OPA699M
Description  Wideband, High Gain VOLTAGE LIMITING AMPLIFIER
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

OPA699M Datasheet(HTML) 4 Page - Texas Instruments

  OPA699M Datasheet HTML 1Page - Texas Instruments OPA699M Datasheet HTML 2Page - Texas Instruments OPA699M Datasheet HTML 3Page - Texas Instruments OPA699M Datasheet HTML 4Page - Texas Instruments OPA699M Datasheet HTML 5Page - Texas Instruments OPA699M Datasheet HTML 6Page - Texas Instruments OPA699M Datasheet HTML 7Page - Texas Instruments OPA699M Datasheet HTML 8Page - Texas Instruments OPA699M Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 33 page
background image
OPA699
4
SBOS261D
www.ti.com
OPA699ID
0
°C to
–40
°C to
MIN/
TEST
PARAMETER
CONDITIONS
+25
°C
+25
°C(1)
70
°C(2)
+85
°C(2)
UNITS
MAX LEVEL(3)
OUTPUT VOLTAGE LIMITERS
Pins 5 and 8
Output Voltage Limited Range
±3.8
typ
C
Default Limit Voltage, Upper
Limiter Pins Open
+3.5
+3.3
+3.2
+3.1
V
min
A
Lower
–3.5
–3.3
–3.2
–3.1
V
max
A
Minimum Limiter Separation (VH – VL)
400
400
400
400
mV
min
B
Maximum Limit Voltage
—
±4.3
±4.3
±4.3
V
max
B
Limiter Input Bias Current Magnitude(6)
VO = 0
Maximum
50
60
62
64
µAmax
A
Minimum
50
40
38
36
µAmin
A
Average Drift
—
30
35
nA/
°Cmax
B
Limiter Input Impedance
3.4 || 1
M
Ω || pF
typ
C
Limiter Feedthrough(7)
f = 5MHz
–60
dB
typ
C
DC Performance in Limit Mode
VIN = ±0.7V
Limiter Offset Voltage
(VO – VH) or (VO – VL)
±10
±30
±35
±40
mV
max
A
Op Amp Input Bias Current Shift(4)
Linear
↔ Limited Operation
3
µA
typ
C
AC Performance in Limit Mode
Limiter Small-Signal Bandwidth
VIN = ±0.7V, VO < 0.02VPP
600
MHz
typ
C
Limiter Slew Rate(8)
125
V/
µs
typ
C
Limited Step Response
Overshoot
VIN = 0V to ±0.7V Step
250
mV
typ
C
Recovery Time
VIN = ±0.7V to 0V Step
1
1.9
2
2.1
ns
max
B
Linearity Guardband(9)
f = 5MHz, VO = 2VPP
30
mV
typ
C
THERMAL CHARACTERISTICS
Temperature Range
Specification, I
–40 to +85
°C
typ
C
Thermal Resistance
Junction-to-Ambient
DSO-8
125
°C/W
typ
C
NOTES: (1) Junction temperature = ambient temperature for low temperature limit and +25
°C Test Level A specifications. Junction temperature = ambient
temperature +23
°C at high temperature limit Test Level A specifications.
(2) Junction temperature = ambient at low temperature limit; junction temperature = ambient +1
°C at high temperature limit for over-temperature
tested specifications.
(3) Test Levels: (A) 100% tested at +25
°C. Over temperature limits by characterization and simulation. (B) Limits set by characterization and
simulation. (C) Typical value for information only.
(4) Current is considered positive out-of-node.
(5) CMIR tested as < 3dB degradation from minimum CMRR at specified limits.
(6) IVH (VH bias current) is positive, and IVL (VL bias current) is negative, under these conditions. See Note 3 and Figures 1 and 12.
(7) Limiter feedthrough is the ratio of the output magnitude to the sinewave added to VH (or VL) when VIN = 0.
(8) VH slew rate conditions are: VIN = +0.7V, G = +6, VL = –2V, VH = step between 2V and 0V. VL slew rate conditions are similar.
(9) Linearity Guardband is defined for an output sinusoid (f = 1MHz, VO = 2VPP) centered between the limiter levels (VH and VL). It is the difference
between the limiter level and the peak output voltage where SFDR decreases by 3dB (see Figure 8).
ELECTRICAL CHARACTERISTICS: VS = ±5V (Cont.)
Boldface limits are tested at +25
°C.
G = +6, RF = 750Ω, RL = 500Ω, VH = –VL = 2V, (Figure 1 for AC performance only), unless otherwise noted.
TYP
MIN/MAX OVER TEMPERATURE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com