Electronic Components Datasheet Search
  English  ▼

X  

OPA699M Datasheet(PDF) 7 Page - Texas Instruments

Part # OPA699M
Description  Wideband, High Gain VOLTAGE LIMITING AMPLIFIER
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

OPA699M Datasheet(HTML) 7 Page - Texas Instruments

Back Button OPA699M Datasheet HTML 3Page - Texas Instruments OPA699M Datasheet HTML 4Page - Texas Instruments OPA699M Datasheet HTML 5Page - Texas Instruments OPA699M Datasheet HTML 6Page - Texas Instruments OPA699M Datasheet HTML 7Page - Texas Instruments OPA699M Datasheet HTML 8Page - Texas Instruments OPA699M Datasheet HTML 9Page - Texas Instruments OPA699M Datasheet HTML 10Page - Texas Instruments OPA699M Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 33 page
background image
OPA699
7
SBOS261D
www.ti.com
TYPICAL CHARACTERISTICS: VS = ±5V
TA = +25°C, G = +6, RF = 750Ω, and RL = 500Ω, VH = –VL = 2V, unless otherwise noted.
9
6
3
0
−3
−6
−9
−12
−15
NONINVERTING SMALL-SIGNAL
FREQUENCY RESPONSE
Frequency (Hz)
1M
10M
100M
1G
V
O = 0.5VPP
G = +12
G = +20
See Figure 1
G = +4
G = +6
6
3
0
−3
−6
−9
−12
−15
−18
INVERTING SMALL-SIGNAL
FREQUENCY RESPONSE
Frequency (Hz)
1M
10M
100M
1G
V
O = 0.5VPP
G =
−12
G =
−4
G =
−6
See Figure 3
18
15
12
9
6
3
NONINVERTING LARGE-SIGNAL
FREQUENCY RESPONSE
Frequency (Hz)
1M
10M
100M
1G
G = +6
V
O = 7VPP
V
O = 4VPP
V
O = 1VPP
V
O = 2VPP
See Figure 1
18
15
12
9
6
3
INVERTING LARGE-SIGNAL
FREQUENCY RESPONSE
Frequency (Hz)
1M
10M
100M
1G
G =
−6
V
O = 7VPP
V
O = 4VPP
V
O = 1VPP
V
O = 2VPP
See Figure 3
V
H—LIMITER SMALL-SIGNAL
FREQUENCY RESPONSE
Frequency (Hz)
1M
10M
100M
1G
3
0
–3
–6
–9
V
O = 0.02VPP
OPA699
750
Ω
125
Ω
0.02V
PP + 2.0VDC
150
Ω
V
O
V
H
V
L
Open
0.7V
DC
V
L—LIMITER SMALL-SIGNAL
FREQUENCY RESPONSE
Frequency (Hz)
1M
10M
100M
1G
3
0
–3
–6
–9
OPA699
750
Ω
125
Ω
0.02V
PP + 2.0VDC
150
Ω
V
O
V
H
Open
V
L
0.7V
DC
V
O = 0.02VPP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com