Electronic Components Datasheet Search
  English  ▼

X  

PCM1725 Datasheet(PDF) 2 Page - Texas Instruments

Part # PCM1725
Description  Stereo Audio DIGITAL-TO-ANALOG CONVERTER 16 Bits, 96kHz Sampling
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

PCM1725 Datasheet(HTML) 2 Page - Texas Instruments

  PCM1725 Datasheet HTML 1Page - Texas Instruments PCM1725 Datasheet HTML 2Page - Texas Instruments PCM1725 Datasheet HTML 3Page - Texas Instruments PCM1725 Datasheet HTML 4Page - Texas Instruments PCM1725 Datasheet HTML 5Page - Texas Instruments PCM1725 Datasheet HTML 6Page - Texas Instruments PCM1725 Datasheet HTML 7Page - Texas Instruments PCM1725 Datasheet HTML 8Page - Texas Instruments PCM1725 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
®
2
PCM1725
SPECIFICATIONS
All specifications at +25
°C, +V
CC = +5V, fS = 44.1kHz, and 16-bit input data, SYSCLK = 384fS, unless otherwise noted.
The information provided herein is believed to be reliable; however, BURR-BROWN assumes no responsibility for inaccuracies or omissions. BURR-BROWN assumes
no responsibility for the use of this information, and all use of such information shall be entirely at the user’s own risk. Prices and specifications are subject to change
without notice. No patent rights or licenses to any of the circuits described herein are implied or granted to any third party. BURR-BROWN does not authorize or warrant
any BURR-BROWN product for use in life support devices and/or systems.
PCM1725
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
RESOLUTION
16
Bits
DATA FORMAT
Audio Data Interface Format
Standard /I2S
Audio Data Format
Binary Two’s Complement
Sampling Frequency (fS)
16
96
kHz
Internal System Clock Frequency
256fS/384fS
DIGITAL INPUT/OUTPUT
Logic Level
TTL
Input Logic Level
VIH(1)
2.0
VDC
VIL(1)
0.8
VDC
Input Logic Current: IIN(1)
±0.8
µA
DYNAMIC PERFORMANCE(2)
f = 991kHz
THD+N at FS (0dB)
–83
–78
dB
THD+N at –60dB
–32
dB
Dynamic Range
A-weighted
90
95
dB
Signal-to-Noise Ratio
A-weighted
90
97
dB
Channel Separation
88
95
dB
DC ACCURACY
Gain Error
±1.0
±5.0
% of FSR
Gain Mismatch, Channel-to-Channel
±1.0
±5.0
% of FSR
Bipolar Zero Error
VOUT = VCC/2 at BPZ
±20
±50
mV
ANALOG OUTPUT
Output Voltage
Full Scale (0dB)
0.62 x VCC
Vp-p
Center Voltage
VCC/2
VDC
Load Impedance
AC Load
10
k
Ω
DIGITAL FILTER PERFORMANCE
Passband
0.445
fS
Stopband
0.555
fS
Passband Ripple
±0.17
dB
Stopband Attenuation
–35
dB
Delay Time
11.125/fS
sec
INTERNAL ANALOG FILTER
–3dB Bandwidth
100
kHz
Passband Response
f = 20kHz
–0.16
dB
POWER SUPPLY REQUIREMENTS
Voltage Range
4.5
5
5.5
VDC
Supply Current
13
18
mA
Power Dissipation
65
90
mW
TEMPERATURE RANGE
Operation
–25
+85
°C
Storage
–55
+125
°C
NOTES: (1) Pins 1, 2, 3, 12, 13: LRCIN, DIN, BCKIN, DM, FORMAT (Schmitt Trigger Input); Pin 14: SCKI. (2) Dynamic performance specs are tested with 20kHz
low pass filter and THD+N specs are tested with 30kHz LPF, 400Hz HPF, Average-Mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com