Electronic Components Datasheet Search
  English  ▼

X  

PCM1725 Datasheet(PDF) 7 Page - Texas Instruments

Part # PCM1725
Description  Stereo Audio DIGITAL-TO-ANALOG CONVERTER 16 Bits, 96kHz Sampling
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

PCM1725 Datasheet(HTML) 7 Page - Texas Instruments

Back Button PCM1725 Datasheet HTML 3Page - Texas Instruments PCM1725 Datasheet HTML 4Page - Texas Instruments PCM1725 Datasheet HTML 5Page - Texas Instruments PCM1725 Datasheet HTML 6Page - Texas Instruments PCM1725 Datasheet HTML 7Page - Texas Instruments PCM1725 Datasheet HTML 8Page - Texas Instruments PCM1725 Datasheet HTML 9Page - Texas Instruments PCM1725 Datasheet HTML 10Page - Texas Instruments PCM1725 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
®
7
PCM1725
PCM1725 has a system clock detection circuit which auto-
matically detects the frequency, either 256f
S or 384fS. The
system clock should be synchronized with LRCIN (pin 1),
but PCM1725 can compensate for phase differences. If the
phase difference between LRCIN and system clock is greater
than
±6 bit clocks (BCKIN), the synchronization is per-
formed automatically. The analog outputs are forced to a
bipolar zero state (V
CC/2) during the synchronization func-
tion. Table I shows the typical system clock frequency
inputs for the PCM1725.
SYSTEM CLOCK
FREQUENCY (MHz)
256fS
384fS
32kHz
8.192
12.288
44.1kHz
11.2896
16.9340
48kHz
12.288
18.432
SAMPLING
RATE (LRCIN)
TABLE I. System Clock Frequencies vs Sampling Rate.
TYPICAL CONNECTION DIAGRAM
Figure 5 illustrates the typical connection diagram for
PCM1725 used in a stand-alone application.
INPUT DATA FORMAT
PCM1725 can accept input data in either normal (MSB-first,
right-justified) or I2S formats. When pin 13 (FORMAT) is
LOW, normal data format is selected; a HIGH on pin 13
selects I2S format.
FORMAT
0
Normal Format (MSB-first, right-justified)
1I2S Format (Philips serial data protocol)
TABLE II. Input Format Selection.
FIGURE 6. Internal Power-On Reset Timing.
DIN
BCKIN
LRCIN
2
3
1
13
12
FORMAT
DM
SCKI
9
5
78
6
14
PCM
Audio Data
Processor
256f
S/384fS CLK
GND
Mode Control
Lch Analog Out
+5V Analog
Rch Analog Out
V
CC
V
OUTL
V
OUTR
CAP
PCM1725
+
10µF
Post
LPF
Post
LPF
FIGURE 5. Typical Connection Diagram.
RESET
PCM1725 has an internal power-on reset circuit. The internal
power-on reset initializes (resets) when the supply voltage
VCC > 2.2V (typ). The power-on reset has an initialization
period equal to 1024 system clock periods after VCC > 2.2V.
During the initialization period, the outputs of the DAC are
invalid, and the analog outputs are forced to VCC/2. Figure 6
illustrates the power-on reset and reset-pin reset timing.
DE-EMPHASIS CONTROL
Pin 12 (DM) enables PCM1725’s de-emphasis function. De-
emphasis operates only at 44.1kHz.
DM
0
DEM OFF
1
DEM ON (44.1kHz)
TABLE III. De-Emphasis Control Selection.
1024 system (= SCKI) clocks
Reset
Reset Removal
2.6V
2.2V
1.8V
V
CC
Internal Reset
SCKI Clock



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com