Electronic Components Datasheet Search
  English  ▼

X  

PCM1725 Datasheet(PDF) 8 Page - Texas Instruments

Part # PCM1725
Description  Stereo Audio DIGITAL-TO-ANALOG CONVERTER 16 Bits, 96kHz Sampling
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

PCM1725 Datasheet(HTML) 8 Page - Texas Instruments

Back Button PCM1725 Datasheet HTML 4Page - Texas Instruments PCM1725 Datasheet HTML 5Page - Texas Instruments PCM1725 Datasheet HTML 6Page - Texas Instruments PCM1725 Datasheet HTML 7Page - Texas Instruments PCM1725 Datasheet HTML 8Page - Texas Instruments PCM1725 Datasheet HTML 9Page - Texas Instruments PCM1725 Datasheet HTML 10Page - Texas Instruments PCM1725 Datasheet HTML 11Page - Texas Instruments PCM1725 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
®
8
PCM1725
APPLICATION
CONSIDERATIONS
DELAY TIME
There is a finite delay time in delta-sigma converters. In A/D
converters, this is commonly referred to as latency. For a
delta-sigma D/A converter, delay time is determined by the
order number of the FIR filter stage, and the chosen sampling
rate. The following equation expresses the delay time of
PCM1725:
TD = 11.125 x 1/fS
For f
S = 44.1kHz, TD = 11.125/44.1kHz = 251.4µs
Applications using data from a disc or tape source, such as
CD audio, CD-Interactive, Video CD, DAT, Minidisc,
etc., generally are not affected by delay time. For some
professional applications such as broadcast audio for stu-
dios, it is important for total delay time to be less than 2ms.
OUTPUT FILTERING
For testing purposes all dynamic tests are done on the
PCM1725 using a 20kHz low pass filter. This filter limits
the measured bandwidth for THD+N, etc. to 20kHz. Failure
to use such a filter will result in higher THD+N and lower
SNR and Dynamic Range readings than are found in the
specifications. The low pass filter removes out of band
noise. Although it is not audible, it may affect dynamic
specification numbers.
The performance of the internal low pass filter from DC to
24kHz is shown in Figure 7. The higher frequency rolloff of
the filter is shown in Figure 8. If the user’s application has
the PCM1725 driving a wideband amplifier, it is recom-
mended to use an external low pass filter. A simple 3rd-
order filter is shown in Figure 9. For some applications, a
passive RC filter or 2nd-order filter may be adequate.
BYPASSING POWER SUPPLIES
The power supplies should be bypassed as close as possible
to the unit. It is also recommended to include a 0.1
µF ceramic
capacitor in parallel with the 10
µF tantalum bypass capacitor.
1.0
0.5
0
–0.5
–1.0
20
Frequency (Hz)
100
1k
10k
24k
INTERNAL ANALOG FILTER FREQUENCY RESPONSE
(20Hz~24kHz, Expanded Scale)
FIGURE 7. Low Pass Filter Frequency Response.
10
5
0
–5
–10
–15
–20
–25
–30
–35
–40
–45
–50
–55
10
100
1k
10k
100k
1M
10M
Frequency (Hz)
–60
INTERNAL ANALOG FILTER FREQUENCY RESPONSE
(10Hz~10MHz)
FIGURE 8. Low Pass Filter Wideband Frequency Response.
10k
Ω
10k
Ω
10k
Ω
1500pF
100pF
680pF
+
V
SIN
–
90
0
–90
–180
–270
–360
100
1k
10k
100k
1M
GAIN vs FREQUENCY
Frequency (Hz)
6
–14
–34
–54
–74
–94
Gain
Phase
OPA134
FIGURE 9. 3rd-Order LPF.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com