Electronic Components Datasheet Search
  English  ▼

X  

PCM1730 Datasheet(PDF) 6 Page - Texas Instruments

Part # PCM1730
Description  24-BIT, 192-kHz SAMPLING ADVANCED SEGMENT, AUDIO STEREO DIGITAL-TO-ANALOG CONVERTER
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

PCM1730 Datasheet(HTML) 6 Page - Texas Instruments

Back Button PCM1730 Datasheet HTML 2Page - Texas Instruments PCM1730 Datasheet HTML 3Page - Texas Instruments PCM1730 Datasheet HTML 4Page - Texas Instruments PCM1730 Datasheet HTML 5Page - Texas Instruments PCM1730 Datasheet HTML 6Page - Texas Instruments PCM1730 Datasheet HTML 7Page - Texas Instruments PCM1730 Datasheet HTML 8Page - Texas Instruments PCM1730 Datasheet HTML 9Page - Texas Instruments PCM1730 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 25 page
background image
PCM1730
SLES021 − NOVEMBER 2001
6
www.ti.com
electrical characteristics, all specifications at TA = 25°C, VCC = 5 V, VDD = 3.3 V, fS = 44.1 kHz, system
clock = 256 fS and 24-bit data (unless otherwise noted)(continued)
PARAMETER
TEST CONDITIONS
PCM1730E
UNIT
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
POWER SUPPLY REQUIREMENTS
VDD
Voltage range
3
3.3
3.6
VDC
VCC
Voltage range
4.75
5
5.25
VDC
fS = 44.1 kHz
7
9.8
IDD
fS = 96 kHz
15
IDD
Supply current
fS = 192 kHz
30
mA
Supply current
fS = 44.1 kHz
33
46.2
mA
ICC
fS = 96 kHz
34.5
ICC
fS = 192 kHz
36.5
fS = 44.1 kHz
188
263
PD
Power dissipation
fS = 96 kHz
222
mW
PD
Power dissipation
fS = 192 kHz
282
mW
TEMPERATURE RANGE
Operation temperature
−25
85
°C
θJA
Thermal resistance
28-pin SSOP
100
°C/W
functional description
system clock and reset functions
The PCM1730 requires a system clock for operating the digital interpolation filters and advanced segment DAC
modulators. The system clock is applied at the SCKI input (pin 7). The PCM1730 has a system clock detection
circuit, which automatically senses if the system clock is operating at 128 fS to 768 fS. Table 1 shows examples
of system clock frequencies for common audio sampling rates.
Figure 1 shows the timing requirements for the system clock input. For optimal performance, it is important to
use a clock source with low phase jitter and noise. Texas Instruments’ PLL1700 multi-clock generator is an
excellent choice for providing the PCM1730 system clock.
System Clock
Pulse Cycle Time
System Clock
2 V
0.8 V
tw(SCKH)
tw(SCKL)
PARAMETER
MIN
UNIT
System clock pulse width high, tw(SCKH)
5
ns
System clock pulse width high, tw(SCKL)
5
ns
Figure 1. System Clock Input Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com