Electronic Components Datasheet Search
  English  ▼

X  

PCM1730 Datasheet(PDF) 12 Page - Texas Instruments

Part # PCM1730
Description  24-BIT, 192-kHz SAMPLING ADVANCED SEGMENT, AUDIO STEREO DIGITAL-TO-ANALOG CONVERTER
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

PCM1730 Datasheet(HTML) 12 Page - Texas Instruments

Back Button PCM1730 Datasheet HTML 8Page - Texas Instruments PCM1730 Datasheet HTML 9Page - Texas Instruments PCM1730 Datasheet HTML 10Page - Texas Instruments PCM1730 Datasheet HTML 11Page - Texas Instruments PCM1730 Datasheet HTML 12Page - Texas Instruments PCM1730 Datasheet HTML 13Page - Texas Instruments PCM1730 Datasheet HTML 14Page - Texas Instruments PCM1730 Datasheet HTML 15Page - Texas Instruments PCM1730 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 25 page
background image
PCM1730
SLES021 − NOVEMBER 2001
12
www.ti.com
typical connection diagram
DATA
24
23
22
21
20
19
18
17
16
15
5
6
7
8
9
10
11
12
13
14
+
3.3 V
PCM1730E
BCK
SCKI
DGND
VDD
DEMP0
DEMP1
FMT0
FMT1
FMT2
VCC2
IOUTR+
VCC1
VCOM3
IREF
VCOM2
IOUTR−
MUTE
AGND1
VCOM1
+
RST
1
2
3
4
ZEROL
ZEROR
LRCK
28
27
26
25
VCC3
AGND2
IOUTL−
IOUTL+
Audio DATA
Bit Clock
System Clock
L/R Clock (fS)
+
Controller
+
+
+
VOUT
L-Channel
5 V
+
+
+
VOUT
R-Channel
+
Analog Output Stage
15 V
−15 V
NOTE: Regarding R/C values for analog output stage, see Figure 9.
Figure 6. Typical Application Circuit for Standard PCM Audio Operation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com