Electronic Components Datasheet Search
  English  ▼

X  

PCM1730 Datasheet(PDF) 7 Page - Texas Instruments

Part # PCM1730
Description  24-BIT, 192-kHz SAMPLING ADVANCED SEGMENT, AUDIO STEREO DIGITAL-TO-ANALOG CONVERTER
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

PCM1730 Datasheet(HTML) 7 Page - Texas Instruments

Back Button PCM1730 Datasheet HTML 3Page - Texas Instruments PCM1730 Datasheet HTML 4Page - Texas Instruments PCM1730 Datasheet HTML 5Page - Texas Instruments PCM1730 Datasheet HTML 6Page - Texas Instruments PCM1730 Datasheet HTML 7Page - Texas Instruments PCM1730 Datasheet HTML 8Page - Texas Instruments PCM1730 Datasheet HTML 9Page - Texas Instruments PCM1730 Datasheet HTML 10Page - Texas Instruments PCM1730 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 25 page
background image
PCM1730
SLES021 − NOVEMBER 2001
7
www.ti.com
system clock and reset functions (continued)
Table 1. System Clock Rates for Common Audio Sampling Frequencies
SAMPLING FREQUENCY
SYSTEM CLOCK FREQUENCY (fSCLK) (MHz)
SAMPLING FREQUENCY
128 fS
192 fS
256 fS
384 fS
512 fS
768 fS
32 kHz
4.096
6.144
8.192
12.288
16.384
24.576
44.1 kHz
5.6488
8.4672
11.2896
16.9344
22.5792
33.8688
48 kHz
6.144
9.216
12.288
18.432
24.576
36.864
96 kHz
12.288
18.432
24.576
36.864
49.152
73.728
192 kHz
24.576
36.864
49.152
73.728
See Note 4
See Note 4
NOTE 4: This system clock rate is not supported for the given sampling frequency.
power-on and external reset functions
The PCM1730 includes a power-on reset function. Figure 2 shows the operation of this function. The system
clock input at SCKI should be active for at least one clock period prior to VDD = 2 V. With the system clock active
and VDD > 2 V, the power-on reset function will be enabled. The initialization sequence requires 1024 system
clocks from the time VDD > 2 V. The PCM1730 also includes an external reset capability using the RST input
(pin 1). This allows an external controller or master reset circuit to force the PCM1730 to initialize to its reset
state. Figure 3 shows the external reset operation and timing. The RST pin is set to logic 0 for a minimum of
20 ns. The RST pin is then set to a logic 1 state, which starts the initialization sequence, which requires 1024
system clock periods. The external reset is especially useful in applications where there is a delay between
PCM1730 power up and system clock activation. In this case, the RST pin should be held at a logic 0 level until
the system clock has been activated. The RST pin may then be set to logic 1 state to start the initialization
sequence.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com