Electronic Components Datasheet Search
  English  ▼

X  

PCM1740 Datasheet(PDF) 3 Page - Texas Instruments

Part # PCM1740
Description  Stereo Audio DIGITAL-TO-ANALOG CONVERTER with VCXO and PLL
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

PCM1740 Datasheet(HTML) 3 Page - Texas Instruments

  PCM1740 Datasheet HTML 1Page - Texas Instruments PCM1740 Datasheet HTML 2Page - Texas Instruments PCM1740 Datasheet HTML 3Page - Texas Instruments PCM1740 Datasheet HTML 4Page - Texas Instruments PCM1740 Datasheet HTML 5Page - Texas Instruments PCM1740 Datasheet HTML 6Page - Texas Instruments PCM1740 Datasheet HTML 7Page - Texas Instruments PCM1740 Datasheet HTML 8Page - Texas Instruments PCM1740 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 26 page
background image
PCM1740
3
SBAS128B
www.ti.com
ELECTRICAL CHARACTERISTICS
All specifications at TA = +25°C, VCC = VDD = VPP = 5.0V, fS = 44.1kHz, system clock = 384fS, 16-bit data, unless otherwise noted.
PCM1740E
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
RESOLUTION
16
Bits
DATA FORMAT
Audio Interface Format
Standard /I2S Selectable
Audio Data Bit Length
16/20/24 Selectable
Bits
Audio Data Format
MSB First, Two’s Binary Complement
Sampling Frequency (fS)
Standard (fS)
32
44.1
48
kHz
Half (fS)
16
22.05
24
kHz
Double (fS)
64
88.2
96
kHz
Internal System Clock Frequency
256fS/384fS
DIGITAL INPUT/OUTPUT
Logic Family
Input Logic
TTL Compatible
High Level Input Voltage: VIH(1), (2)
2.0
VDC
Low Level Input Voltage: VIL(1), (2)
0.8
VDC
High Level Input Current: IIH(1), (2)
VIH = VDD
±10
µA
Low Level Input Current:
IIL(1)
VIL = 0V
±10
µA
IIL(2)
VIL = 0V
–120
µA
High Level Output Voltage: VOH(3)
IOH = –2mA
VDD – 0.5V
VDC
Low Level Output Voltage:
VOL(3)
IOL = 4mA
0.5
VDC
VOL(4)
IOL = 2mA
0.5
VDC
DIGITAL INPUT/OUTPUT of I2C-BUS INTERFACE
High Level Input Voltage: VIH(5)
3.0
V
Low Level Input Voltage: VIL(5)
–0.3
1.5
V
Low Level Output Voltage: VOL(6)
0
0.4
V
Output Fall Time: tOF(7)
250
ns
Input Logic Current: II(8)
10% to 90% of VDD
–10
10
µA
Capacitance for each I/O pin: CI(5)
10
pF
VCXO CHARACTERISTICS (MCKO)
27MHz, Fundamental Crystal
Crystal Clock Frequency (9)
27.0000
MHz
Crystal Clock Accuracy(9)
±30
ppm
XTUN Tuning Voltage Range(10)
0
3.0
V
XTUN Input Impedance(10)
60
k
Ω
Output Clock Frequency
XTUN = 1.3V
27.0000
MHz
Output Clock Accuracy
XTUN = 1.3V
±50
ppm
VCXO Tuning Range
XTUN = 0V – 3V
300
ppm
Output Clock Duty Cycle
10pF Load
35
45
55
%
Output Clock Jitter
Standard Deviation
100
ps
Output Rise Time
20% to 80% VDD, 10pF Load
4
ns
Output Fall Time
80% to 20% VDD, 10pF Load
4
ns
Response Time(11)
10
µs
Power Up Time(12)
5ms
PLL AC CHARACTERISTICS (SCKO)
Output Clock Frequency
MCKO = 27.0MHz
4.096
36.864
MHz
Output Clock Duty Cycle
10pF Load
40
50
60
%
Output Clock Jitter
Standard Deviation
150
ps
Output Rise Time
20% to 80% VDD, 10pF Load
4
ns
Output Fall Time
80% to 20% VDD, 10pF Load
4
ns
Frequency Transition Time(13)
20
ms
Power Up Time(14)
15
30
ms
DYNAMIC PERFORMANCE(15)
THD+N:
VOUT = 0dB
fS = 44.1kHz
0.0035
0.01
%
fS = 96kHz
0.007
%
VOUT = –60dB
fS = 44.1kHz
0.0035
0.01
%
fS = 96kHz
0.007
%
Dynamic Range
fS = 44.1kHz, EIAJ, A-Weighted
90
94
dB
fS = 96kHz, A-Weighted
90
dB
Signal-to-Noise Ratio(16)
fS = 44.1kHz, EIAJ, A-weighted
90
94
dB
fS = 96kHz, A-weighted
90
dB
Channel Separation
fS = 44.1kHz
88
92
dB
fS = 96kHz
88
dB
Level Linearity Error
VOUT = –90dB
±1.0
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com