Electronic Components Datasheet Search
  English  ▼

X  

PCM1740 Datasheet(PDF) 9 Page - Texas Instruments

Part # PCM1740
Description  Stereo Audio DIGITAL-TO-ANALOG CONVERTER with VCXO and PLL
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

PCM1740 Datasheet(HTML) 9 Page - Texas Instruments

Back Button PCM1740 Datasheet HTML 5Page - Texas Instruments PCM1740 Datasheet HTML 6Page - Texas Instruments PCM1740 Datasheet HTML 7Page - Texas Instruments PCM1740 Datasheet HTML 8Page - Texas Instruments PCM1740 Datasheet HTML 9Page - Texas Instruments PCM1740 Datasheet HTML 10Page - Texas Instruments PCM1740 Datasheet HTML 11Page - Texas Instruments PCM1740 Datasheet HTML 12Page - Texas Instruments PCM1740 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 26 page
background image
PCM1740
9
SBAS128B
www.ti.com
The PLL can generate one of nine pre-programmed system
clock rates for either 256fS or 384fS output. The PLL output
and sampling frequencies are programmed using Control
Register 3. Table I shows the available sampling frequencies
and the corresponding PLL output clock rates. The reset
default condition for the PLL is fS = 44.1kHz with SCKO =
384fS, or 16.9344MHz.
RESET OPERATION
POWER-ON RESET
The PCM1740 includes power-on reset circuitry for start up
initialization. The initialization sequence starts when VDD
exceeds 2.2V (typical). The initialization sequence requires
1024 PLL output (or SCKO) clock cycles for completion.
During initialization, both VOUTL and VOUTR are forced to
VCC/ 2. Figure 6 shows the power-on reset timing, while
Table II shows the reset default settings for user-program-
mable functions. The user should not attempt to write
control registers via the I2C-Bus interface during the initial-
ization sequence.
EXTERNAL RESET
The PCM1740 includes an external reset input, RST (pin
10). This input may be used to force an initialization se-
quence. As shown in Figure 7, the RST pin must be held low
for a minimum of 20ns. The initialization sequence will then
start on the rising edge of RST. Initialization requires 1024
PLL output (or SCKO) clock cycles for completion. During
initialization, both VOUTL and VOUTR are forced to VCC/2.
Table II shows the reset default settings for user-program-
mable functions. The user should not attempt to write
control registers via the I2C-Bus interface during the initial-
ization sequence.
SAMPLING
INTERNAL SYSTEM
INTERNAL SYSTEM
FREQUENCY (LRCK)
Clock - 256fS
Clock - 384fS
16kHz
Half
4.096MHz
6.144MHz
32kHz
Normal
8.192MHz
12.288MHz
64kHz
Double
16.384MHz
24.576MHz
22.05kHz
Half
5.6448MHz
8.4672MHz
44.1kHz
Normal
11.2896MHz
16.9344MHz
88.2kHz
Double
22.5792MHz
33.8688MHz
24kHz
Half
6.144MHz
9.216MHz
48kHz
Normal
12.288MHz
18.432MHz
96kHz
Double
24.576MHz
36.864MHz
TABLE I. PLL Sampling and System Clock Frequencies.
1024 System Clock Periods
Reset
Reset Removal
2.4V
2.2V
2.0V
V
CC /VDD
Internal Reset
System Clock
(SCKO)
1024 System Clock Periods
Reset
Reset Removal
System Clock
(SCKO)
Internal Reset
RST
t
RST
t
RST
t
RST ≥ 20ns
FIGURE 6. Power-On Reset Operation.
FIGURE 7. External Reset Operation.
At power-up, the PLL requires 30ms start up time for
stabilization. The PLL also exhibits a settling time of 20ms
in response to changes in sampling frequency selection.
The PLL output continues to operate during power-on or
external reset sequences, with the sampling frequency set to
fS = 44.1kHz and SCKO = 384fS.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com