Electronic Components Datasheet Search
  English  ▼

X  

PCM1740 Datasheet(PDF) 7 Page - Texas Instruments

Part # PCM1740
Description  Stereo Audio DIGITAL-TO-ANALOG CONVERTER with VCXO and PLL
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

PCM1740 Datasheet(HTML) 7 Page - Texas Instruments

Back Button PCM1740 Datasheet HTML 3Page - Texas Instruments PCM1740 Datasheet HTML 4Page - Texas Instruments PCM1740 Datasheet HTML 5Page - Texas Instruments PCM1740 Datasheet HTML 6Page - Texas Instruments PCM1740 Datasheet HTML 7Page - Texas Instruments PCM1740 Datasheet HTML 8Page - Texas Instruments PCM1740 Datasheet HTML 9Page - Texas Instruments PCM1740 Datasheet HTML 10Page - Texas Instruments PCM1740 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 26 page
background image
PCM1740
7
SBAS128B
www.ti.com
3rd ORDER
∆Σ MODULATOR
Frequency (kHz)
20
0
–20
–40
–60
–80
–100
–120
–140
–160
0
5
10
15
20
25
STEREO DIGITAL-TO-ANALOG
CONVERTER
The stereo DACs of the PCM1740 use a multi-level delta-
sigma architecture. Based upon a 3rd-order noise shaper and
a 5-level amplitude quantizer, this section converts the 8x
oversampled, 18-bit input data from the interpolation filter
to a 5-level delta-sigma format. A block diagram of the
multi-level delta-sigma modulator is shown in Figure 1.
This architecture has the advantage of improved stability
and increased tolerance to clock jitter when compared to the
one-bit (2-level) delta-sigma DACs.
The combined oversampling rate of the delta-sigma modu-
lator and the 8x interpolation filter is 48fS for a 384fS system
clock, and 64fS for a 256fS system clock. The theoretical
quantization noise performance for the 5-level delta-sigma
modulator is shown in Figure 2.
The output of the delta-sigma modulator is low-pass filtered
and buffered by an on-chip output amplifier. For best
performance, an external low-pass filter is recommended.
Refer to the Applications Information section of this data
sheet for details regarding DAC output filter recommenda-
tions.
The PCM1740 includes two analog outputs, VOUTL (pin 14)
and VOUTR (pin 11), corresponding to the left and right audio
outputs. The full-scale output amplitude is 0.62
× V
CC, or
3.1VPP with a +5V supply and an AC-coupled load of 5kΩ or
greater. The analog outputs are centered about the DC com-
mon-mode voltage, which is typically VCC/2.
The DC common-mode voltage is made available at the
VCOM output (pin 15). This is an unbuffered output, prima-
Out
48f
S (384fS)
64f
S (256fS)
In
8f
S
18-Bit
+
+
+
4
3
2
1
0
5-level Quantizer
+
–
+
Z–1
+
–
+
Z–1
+
+
Z–1
FIGURE 2. Quantization Noise Spectrum.
rily used for decoupling purposes. See the Applications
Information section of this data sheet for more information
regarding the use of the VCOM output for biasing external
circuitry.
VOLTAGE CONTROLLED CRYSTAL OSCILLATOR
(VCXO)
The PCM1740 includes an on-chip voltage-controlled crys-
tal oscillator, or VCXO, which is used to generate the
27MHz master clock required by most digital broadcast and
MPEG-2 decoding applications.
FIGURE 1. 5-Level
∆Σ Modulator Block Diagram.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com