Electronic Components Datasheet Search
  English  ▼

X  

PCM1792 Datasheet(PDF) 41 Page - Texas Instruments

Part # PCM1792
Description  24-BIT, 192-kHz SAMPLING, ADVANCED SEGMENT, AUDIO STEREO DIGITAL-TO-ANALOG CONVERTER
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

PCM1792 Datasheet(HTML) 41 Page - Texas Instruments

Back Button PCM1792 Datasheet HTML 37Page - Texas Instruments PCM1792 Datasheet HTML 38Page - Texas Instruments PCM1792 Datasheet HTML 39Page - Texas Instruments PCM1792 Datasheet HTML 40Page - Texas Instruments PCM1792 Datasheet HTML 41Page - Texas Instruments PCM1792 Datasheet HTML 42Page - Texas Instruments PCM1792 Datasheet HTML 43Page - Texas Instruments PCM1792 Datasheet HTML 44Page - Texas Instruments PCM1792 Datasheet HTML 45Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 62 page
background image
PCM1792
SLES069B − MARCH 2003 − REVISED NOVEMBER 2006
www.ti.com
41
OS[1:0]: Delta-Sigma Modulator Oversampling Rate Selection
Default value: 00
OS[1:0]
Operation Speed Select
00
8 times WDCK (default)
01
4 times WDCK
10
16 times WDCK
11
Reserved
The effective oversampling rate is determined by the oversampling performed by both the external digital filter and
the delta-sigma modulator. For example, if the external digital filter is 8
× oversampling, and the user selects
OS[1:0] = 00, then the delta-sigma modulator oversamples by 8
×, resulting in an effective oversampling rate of 64×.
The 16
× WDCK oversampling rate is not available above a 100-kHz sampling rate. If the oversampling rate selected
is 16
× WDCK, the system clock frequency must be over 256 fS.
APPLICATION FOR DSD FORMAT (DSD MODE) INTERFACE
Bit Clock
DSD Decoder
DATA
5
6
7
BCK
SCK
ZEROL
1
2
3
4
ZEROR
MSEL
LRCK
PCM1792
DATA_R
DATA_L
Figure 43. Connection Diagram in DSD Mode
Feature
This mode is used for interfacing directly to a DSD decoder, which is found in Super Audio CD
t (SACD) applications.
The DSD mode is accessed by programming the following bit in the corresponding control register.
DSD = 1 (register 20)
The DSD mode provides a low-pass filtering function. The filtering is provided using an analog FIR filter structure.
Four FIR responses are available, and are selected by the DMF[1:0] bits of control register 18.
The DSD bit must be set before inputting DSD data; otherwise, the PCM1792 erroneously detects the TDMCA mode,
and commands are not accepted through the serial control interface.
Super Audio CD is a trademark of Sony Kabushiki Kaisha TA Sony Corporation, Japan.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com