Electronic Components Datasheet Search
  English  ▼

X  

PCM1792 Datasheet(PDF) 46 Page - Texas Instruments

Part # PCM1792
Description  24-BIT, 192-kHz SAMPLING, ADVANCED SEGMENT, AUDIO STEREO DIGITAL-TO-ANALOG CONVERTER
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

PCM1792 Datasheet(HTML) 46 Page - Texas Instruments

Back Button PCM1792 Datasheet HTML 42Page - Texas Instruments PCM1792 Datasheet HTML 43Page - Texas Instruments PCM1792 Datasheet HTML 44Page - Texas Instruments PCM1792 Datasheet HTML 45Page - Texas Instruments PCM1792 Datasheet HTML 46Page - Texas Instruments PCM1792 Datasheet HTML 47Page - Texas Instruments PCM1792 Datasheet HTML 48Page - Texas Instruments PCM1792 Datasheet HTML 49Page - Texas Instruments PCM1792 Datasheet HTML 50Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 62 page
background image
PCM1792
SLES069B − MARCH 2003 − REVISED NOVEMBER 2006
www.ti.com
46
TDMCA Mode Determination
The PCM1792 recognizes the TDMCA mode automatically when it receives an LRCK signal with a pulse duration
of two BCK clocks. If the TDMCA mode operation is not needed, the duty cycle of LRCK must be 50%. Figure 54
shows the LRCK and BCK timing that determines the TDMCA mode. The PCM1792 enters the TDMCA mode after
two continuous TDMCA frames. Any TDMCA commands can be issued during the next TDMCA frame after the
TDMCA mode is entered.
Pre-TDMCA Frame
BCK
LRCK
2 BCK
TDMCA Frame
Command
Accept
Figure 54. LRCK and BCK Timing of Determination TDMCA Mode
TDMCA Terminals
TDMCA requires six signals, of which four signals are for command and audio data interface, and two pairs of signals
which are for daisy chaining. Those signals can be shared as in the following table. The DO signal has a 3-state output
so that it can be connected directly to other devices.
TERMINAL
NAME
TDMCA
NAME
PROPERTY
DESCRIPTION
LRCK
LRCK
input
TDMCA frame start signal. It must be the same as the sampling frequency.
BCK
BCK
input
TDMCA clock. Its frequency must be high enough to communicate a TDMCA frame within an LRCK
cycle.
DATA
DI
input
TDMCA command and audio data input signal
MDO
DO
output
TDMCA command data 3-state output signal
MC
DCI
input
TDMCA daisy-chain input signal
MS
DCO
output
TDMCA daisy-chain output signal
Device ID Determination
The TDMCA mode also supports a multichip implementation in one system. This means a host controller (DSP) can
simultaneously support several TDMCA devices, which can be of the same type or different types, including PCM
devices. The PCM devices are categorized as IN device, OUT device, IN/OUT device, and NO device. The IN device
has an input port to get audio data, the OUT device has an output port to supply audio data, the IN/OUT device has
both input and output ports for audio data, and the NO device has no port for audio data but needs command data
from the host. A DAC is an IN device, an ADC is an OUT device, a CODEC is an IN/OUT device, and a PLL is a NO
device. The PCM1792 is an IN device. For the host controller to distinguish the devices, each device is assigned its
own device ID by the daisy chain. The devices obtain their own device IDs automatically by connecting their DCI to
the DCO of the preceding device and their DCO to the DCI of the following device in the daisy chain. The daisy chains
are categorized as the IN chain and the OUT chain, which are completely independent and equivalent. Figure 55
shows an example daisy chain connection. If a system needs to chain the PCM1792 and a NO device in the same
IN or OUT chain, the NO device should be chained at the back end of the chain because it does not require any audio
data. Figure 56 shows an example of TDMCA system including an IN chain and an OUT chain with a TI DSP. For
a device to get its own device ID, the DID signal must be set to 1 (see the Command Field section for details), and
LRCK and BCK must be driven in the TDMCA mode for all PCM devices which are chained. The device at the top
of the chain knows its device ID is 1 because its DCI is fixed HIGH. Other devices count the BCK pulses and observe
their own DCI signal to determine their position and ID. Figure 57 shows the initialization of each device ID.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com