Electronic Components Datasheet Search
  English  ▼

X  

PCM1792 Datasheet(PDF) 6 Page - Texas Instruments

Part # PCM1792
Description  24-BIT, 192-kHz SAMPLING, ADVANCED SEGMENT, AUDIO STEREO DIGITAL-TO-ANALOG CONVERTER
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

PCM1792 Datasheet(HTML) 6 Page - Texas Instruments

Back Button PCM1792 Datasheet HTML 2Page - Texas Instruments PCM1792 Datasheet HTML 3Page - Texas Instruments PCM1792 Datasheet HTML 4Page - Texas Instruments PCM1792 Datasheet HTML 5Page - Texas Instruments PCM1792 Datasheet HTML 6Page - Texas Instruments PCM1792 Datasheet HTML 7Page - Texas Instruments PCM1792 Datasheet HTML 8Page - Texas Instruments PCM1792 Datasheet HTML 9Page - Texas Instruments PCM1792 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 62 page
background image
PCM1792
SLES069B − MARCH 2003 − REVISED NOVEMBER 2006
www.ti.com
6
Terminal Functions
TERMINAL
I/O
DESCRIPTIONS
NAME
PIN
I/O
DESCRIPTIONS
AGND1
19
−
Analog ground (internal bias)
AGND2
24
−
Analog ground (internal bias)
AGND3L
27
−
Analog ground (L-channel DACFF)
AGND3R
16
−
Analog ground (R-channel DACFF)
BCK
6
I
Bit clock input(1)
DATA
5
I
Serial audio data input for normal operation(1)
DGND
8
−
Digital ground
IOUTL+
25
O
L-channel analog current output+
IOUTL–
26
O
L-channel analog current output–
IOUTR+
17
O
R-channel analog current output+
IOUTR–
18
O
R-channel analog current output–
IREF
20
−
Output current reference bias pin
LRCK
4
I
Left and right clock (fS) input for normal operation(1)
MC
12
I
Mode control clock input(1)
MDI
11
I
Mode control data input(1)
MDO
13
I/O
Mode control readback data output(3)
MS
10
I/O
Mode control chip-select input(2)
MSEL
3
I
I2C/SPI select(1)
RST
14
I
Reset(1)
SCK
7
I
System clock input(1)
VCC1
23
−
Analog power supply, 5 V
VCC2L
28
−
Analog power supply (L-channel DACFF), 5 V
VCC2R
15
−
Analog power supply (R-channel DACFF), 5 V
VCOML
22
−
L-channel internal bias decoupling pin
VCOMR
21
−
R-channel internal bias decoupling pin
VDD
9
−
Digital power supply, 3.3 V
ZEROL
1
I/O
Zero flag for L-channel(2)
ZEROR
2
I/O
Zero flag for R-channel(2)
(1) Schmitt-trigger input, 5-V tolerant
(2) Schmitt-trigger input and output. 5-V tolerant input and CMOS output
(3) Schmitt-trigger input and output. 5-V tolerant input. In I2C mode, this pin becomes an open-drain 3-state output; otherwise, this pin is a CMOS
output.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com