Electronic Components Datasheet Search
  English  ▼

X  

PCM1772RGAR Datasheet(PDF) 4 Page - Texas Instruments

Part # PCM1772RGAR
Description  LOW-VOLTAGE AND LOW-POWER STEREO AUDIO DIGITAL-TO-ANALOG CONVERTER WITH LINEOUT AMPLIFIER
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

PCM1772RGAR Datasheet(HTML) 4 Page - Texas Instruments

  PCM1772RGAR Datasheet HTML 1Page - Texas Instruments PCM1772RGAR Datasheet HTML 2Page - Texas Instruments PCM1772RGAR Datasheet HTML 3Page - Texas Instruments PCM1772RGAR Datasheet HTML 4Page - Texas Instruments PCM1772RGAR Datasheet HTML 5Page - Texas Instruments PCM1772RGAR Datasheet HTML 6Page - Texas Instruments PCM1772RGAR Datasheet HTML 7Page - Texas Instruments PCM1772RGAR Datasheet HTML 8Page - Texas Instruments PCM1772RGAR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 40 page
background image
www.ti.com
PIN ASSIGNMENTS
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
LRCK
DATA
BCK
PD
AGND1
AGND2
VCOM
VOUTR
SCKI
MS
MC
MD
VCC1
VCC2
AIN
VOUTL
PCM1772
PW PACKAGE
(TOP VIEW)
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
LRCK
DATA
BCK
PD
AGND1
AGND2
VCOM
VOUTR
SCKI
FMT
AMIX
DEMP
VCC1
VCC2
AIN
VOUTL
PCM1773
PW PACKAGE
(TOP VIEW)
P0001-01
PCM1772
RGA PACKAGE
(TOP VIEW)
DATA
BCK
PD
AGND1
AGND2
NC – No internal connection
FMT
AMIX
DEMP
VCC1
VCC2
PCM1773
RGA PACKAGE
(TOP VIEW)
DATA
BCK
PD
AGND1
AGND2
MS
MC
MD
VCC1
VCC2
1
2
3
4
5
15
14
13
12
11
6
7
8
9 10
20 19 18 17 16
1
2
3
4
5
15
14
13
12
11
6
7
8
9 10
20 19 18 17 16
P0002-01
PCM1772, PCM1773
SLES010G – SEPTEMBER 2001 – REVISED MARCH 2007
ELECTRICAL CHARACTERISTICS (continued)
all specifications at T
A = 25°C, VCC1 = VCC2 = 2.4 V, fS = 44.1 kHz, system clock = 256 fS and 24-bit data, RL = 10 kΩ, unless
otherwise noted
PCM1772PW, PCM1773PW,
PCM1772RGA, PCM1773RGA
PARAMETER
TEST CONDITIONS
UNIT
MIN
TYP
MAX
POWER SUPPLY REQUIREMENTS
Voltage range, VCC1, VCC2
1.6
2.4
3.6
Vdc
ICC1
BPZ input
1.5
2.5
mA
ICC2
Supply current
BPZ input
1
2.5
ICC1 + ICC2
Power down(4)
5
15
µA
BPZ input
6
12
mW
Power dissipation
Power down (4)
12
36
µW
TEMPERATURE RANGE
Operation temperature
–25
85
°C
PCM1772PW, -73PW: 16-terminal TSSOP
150
θ
JA
Thermal resistance
°C/W
PCM1772RGA, -73RGA: 20-terminal VQFN
130
(4)
All input signals are held static.
4
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com