Electronic Components Datasheet Search
  English  ▼

X  

PCM1772RGAR Datasheet(PDF) 7 Page - Texas Instruments

Part # PCM1772RGAR
Description  LOW-VOLTAGE AND LOW-POWER STEREO AUDIO DIGITAL-TO-ANALOG CONVERTER WITH LINEOUT AMPLIFIER
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

PCM1772RGAR Datasheet(HTML) 7 Page - Texas Instruments

Back Button PCM1772RGAR Datasheet HTML 3Page - Texas Instruments PCM1772RGAR Datasheet HTML 4Page - Texas Instruments PCM1772RGAR Datasheet HTML 5Page - Texas Instruments PCM1772RGAR Datasheet HTML 6Page - Texas Instruments PCM1772RGAR Datasheet HTML 7Page - Texas Instruments PCM1772RGAR Datasheet HTML 8Page - Texas Instruments PCM1772RGAR Datasheet HTML 9Page - Texas Instruments PCM1772RGAR Datasheet HTML 10Page - Texas Instruments PCM1772RGAR Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 40 page
background image
www.ti.com
PCM1772, PCM1773
SLES010G – SEPTEMBER 2001 – REVISED MARCH 2007
PCM1773PW
TERMINAL
I/O
DESCRIPTION
NAME
NO.
AGND1
5
—
Analog ground. This is a return for VCC1.
AGND2
6
—
Analog ground. This is a return for VCC2.
AIN
10
I
Monaural analog signal mixer input. The signal can be mixed with the output of the L- and R-channel DACs.
AMIX
14
I
Analog mixing control
BCK
3
I
Serial bit clock. Clocks the individual bits of the audio data input, DATA.
DATA
2
I
Serial audio data input
DEMP
13
I
De-emphasis control
FMT
15
I
Data format select
LRCK
1
I
Left and right clock. Determines which channel is being input on the audio data input, DATA. The frequency of
LRCK must be the same as the audio sampling rate.
PD
4
I
Reset input. When low, the PCM1773 device is powered down, and all mode control registers are reset to default
settings.
SCKI
16
I
System clock input
VCC1
12
—
Power supply for all analog circuits except the lineout amplifier
VCC2
11
—
Analog power supply for the lineout amplifier circuits. The voltage level must be the same as VCC1.
VCOM
7
—
Decoupling capacitor connection. An external 10-
µF capacitor connected from this terminal to analog ground is
required for noise filtering. Voltage level of this terminal is 0.5 VCC2 nominal.
VOUTL
9
O
L-channel analog signal output of the lineout amplifiers
VOUTR
8
O
R-channel analog signal output of the lineout amplifiers
PCM1773RGA
TERMINAL
I/O
DESCRIPTION
NAME
NO.
AGND1
4
—
Analog ground. This is a return for VCC1.
AGND2
5
—
Analog ground. This is a return for VCC2.
AIN
10
I
Monaural analog signal mixer input. The signal can be mixed with the output of the L- and R-channel DACs.
AMIX
14
I
Analog mixing control
BCK
2
I
Serial bit clock. Clocks the individual bits of the audio data input, DATA.
DATA
1
I
Serial audio data input
DEMP
13
I
De-emphasis control
FMT
15
I
Data format select
LRCK
20
I
Left and right clock. Determines which channel is being input on the audio data input, DATA. The frequency of
LRCK must be the same as the audio sampling rate.
NC
8, 17,
—
No connect
18, 19
PD
3
I
Reset input. When low, the PCM1773 device is powered down, and all mode control registers are reset to default
settings.
SCKI
16
I
System clock input
VCC1
12
—
Power supply for all analog circuits except the lineout amplifier
VCC2
11
—
Analog power supply for the lineout amplifier circuits. The voltage level must be the same as VCC1.
VCOM
6
—
Decoupling capacitor connection. An external 10-
µF capacitor connected from this terminal to analog ground is
required for noise filtering. Voltage level of this terminal is 0.5 VCC2 nominal.
VOUTL
9
O
L-channel analog signal output of the lineout amplifiers
VOUTR
7
O
R-channel analog signal output of the lineout amplifiers
7
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com