Electronic Components Datasheet Search
  English  ▼

X  

PCM1772RGAR Datasheet(PDF) 9 Page - Texas Instruments

Part # PCM1772RGAR
Description  LOW-VOLTAGE AND LOW-POWER STEREO AUDIO DIGITAL-TO-ANALOG CONVERTER WITH LINEOUT AMPLIFIER
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

PCM1772RGAR Datasheet(HTML) 9 Page - Texas Instruments

Back Button PCM1772RGAR Datasheet HTML 5Page - Texas Instruments PCM1772RGAR Datasheet HTML 6Page - Texas Instruments PCM1772RGAR Datasheet HTML 7Page - Texas Instruments PCM1772RGAR Datasheet HTML 8Page - Texas Instruments PCM1772RGAR Datasheet HTML 9Page - Texas Instruments PCM1772RGAR Datasheet HTML 10Page - Texas Instruments PCM1772RGAR Datasheet HTML 11Page - Texas Instruments PCM1772RGAR Datasheet HTML 12Page - Texas Instruments PCM1772RGAR Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 40 page
background image
www.ti.com
De-Emphasis Curves
f – Frequency [y fS]
−10
−9
−8
−7
−6
−5
−4
−3
−2
−1
0
0.0
0.1
0.2
0.3
0.4
0.5
0.6
G003
f – Frequency – kHz
−0.5
−0.4
−0.3
−0.2
−0.1
0.0
0.1
0.2
0.3
0.4
0.5
0
2
4
6
8
10
12
14
16
18
20
G004
0.01
0.10
1.00
1.2
1.6
2.0
2.4
2.8
3.2
3.6
4.0
VCC – Supply Voltage – V
0.1
0.01
0.001
G005
VCC – Supply Voltage – V
92
94
96
98
100
102
104
1.2
1.6
2.0
2.4
2.8
3.2
3.6
4.0
G006
PCM1772, PCM1773
SLES010G – SEPTEMBER 2001 – REVISED MARCH 2007
TYPICAL PERFORMANCE CURVES (continued)
All specifications at T
A = 25°C, VCC1 = VCC2 = 2.4 V, fS = 44.1 kHz, system clock = 256 fS and 24-bit data, RL = 10 kΩ, unless
otherwise noted.
DE-EMPHASIS LEVEL
DE-EMPHASIS ERROR
vs
vs
FREQUENCY
FREQUENCY
Figure 3.
Figure 4.
TOTAL HARMONIC DISTORTION + NOISE
DYNAMIC RANGE
vs
vs
SUPPLY VOLTAGE
SUPPLY VOLTAGE
Figure 5.
Figure 6.
9
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com