Electronic Components Datasheet Search
  English  ▼

X  

PCM1796 Datasheet(PDF) 33 Page - Texas Instruments

Part # PCM1796
Description  24-BIT, 192-kHz SAMPLING, ADVANCED SEGMENT, AUDIO STEREO DIGITAL-TO-ANALOG CONVERTER
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

PCM1796 Datasheet(HTML) 33 Page - Texas Instruments

Back Button PCM1796 Datasheet HTML 29Page - Texas Instruments PCM1796 Datasheet HTML 30Page - Texas Instruments PCM1796 Datasheet HTML 31Page - Texas Instruments PCM1796 Datasheet HTML 32Page - Texas Instruments PCM1796 Datasheet HTML 33Page - Texas Instruments PCM1796 Datasheet HTML 34Page - Texas Instruments PCM1796 Datasheet HTML 35Page - Texas Instruments PCM1796 Datasheet HTML 36Page - Texas Instruments PCM1796 Datasheet HTML 37Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 63 page
background image
PCM1796
SLES100A − DECEMBER 2003 − REVISED NOVEMBER 2006
www.ti.com
33
APPLICATION INFORMATION
TYPICAL CONNECTION DIAGRAM IN PCM MODE
DATA
24
23
22
21
20
19
18
17
16
15
5
6
7
8
9
10
11
12
13
14
PCM1796
BCK
SCK
DGND
VDD
MS
MDI
MC
MDO
RST
AGND2
IOUTR–
VCC1
VCOML
VCOMR
IREF
IOUTR+
AGND3R
AGND1
–
+
ZEROL
1
2
3
4
ZEROR
MSEL
LRCK
28
27
26
25
VCC2L
AGND3L
IOUTL–
IOUTL+
VOUT
L-Channel
5 V
VCC2R
0.1
µF
Controller
10
µF
3.3 V
PCM
Audio
Data
Source
0.1
µF
10
µF
Cf
Rf
Differential
to
Single
Converter
With
Low-Pass
Filter
47
µF
5 V
10
µF
10 k
Ω
–
+
Cf
Rf
–
+
VOUT
R-Channel
Cf
Rf
Differential
to
Single
Converter
With
Low-Pass
Filter
–
+
Cf
Rf
0.1
µF
10
µF
5 V
+
+
Figure 35. Typical Application Circuit for Standard PCM Audio Operation
APPLICATION CIRCUIT
The design of the application circuit is very important in order to actually realize the high S/N ratio of which the
PCM1796 is capable. This is because noise and distortion that are generated in an application circuit are not
negligible.
In the third-order LPF circuit of Figure 36, the output level is 2.1 V rms and 123 dB S/N is achieved.
Figure 37 shows a circuit for the DSD mode, which is a fourth-order LPF in order to reduce the out-of-band noise.
I/V Section
The current of the PCM1796 on each of the output pins (IOUTL+, IOUTL–, IOUTR+, IOUTR–) is 4 mA p-p at 0 dB (full
scale). The voltage output level of the I/V converter (Vi) is given by following equation:
Vi = 4 mA p-p
× Rf (Rf : feedback resistance of I/V converter)
An NE5534 operational amplifier is recommended for the I/V circuit to obtain the specified performance. Dynamic
performance such as the gain bandwidth, settling time, and slew rate of the operational amplifier affects the audio
dynamic performance of the I/V section.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com