Electronic Components Datasheet Search
  English  ▼

X  

PCM1796 Datasheet(PDF) 46 Page - Texas Instruments

Part # PCM1796
Description  24-BIT, 192-kHz SAMPLING, ADVANCED SEGMENT, AUDIO STEREO DIGITAL-TO-ANALOG CONVERTER
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

PCM1796 Datasheet(HTML) 46 Page - Texas Instruments

Back Button PCM1796 Datasheet HTML 42Page - Texas Instruments PCM1796 Datasheet HTML 43Page - Texas Instruments PCM1796 Datasheet HTML 44Page - Texas Instruments PCM1796 Datasheet HTML 45Page - Texas Instruments PCM1796 Datasheet HTML 46Page - Texas Instruments PCM1796 Datasheet HTML 47Page - Texas Instruments PCM1796 Datasheet HTML 48Page - Texas Instruments PCM1796 Datasheet HTML 49Page - Texas Instruments PCM1796 Datasheet HTML 50Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 63 page
background image
PCM1796
SLES100A − DECEMBER 2003 − REVISED NOVEMBER 2006
www.ti.com
46
TDMCA INTERFACE FORMAT
The PCM1796 supports the time-division-multiplexed command and audio (TDMCA) data format to simplify the host
control serial interface. The TDMCA format is designed not only for the McBSP of TI DSPs but also for any
programmable devices. The TDMCA format can transfer not only audio data but also command data, so that it can
be used together with any kind of device that supports the TDMCA format. The TDMCA frame consists of a command
field, extended command field, and some audio data fields. Those audio data are transported to IN devices (such
as a DAC) and/or from OUT devices (such as an ADC). The PCM1796 is an IN device. LRCK and BCK are used
with both IN and OUT devices so that the sample frequency of all devices in a system must be the same. The TDMCA
mode supports a maximum of 30 device IDs. The maximum number of audio channels depends on the BCK
frequency.
TDMCA Mode Determination
The PCM1796 recognizes the TDMCA mode automatically when it receives an LRCK signal with a pulse duration
of two BCK clocks. If the TDMCA mode operation is not needed, the duty cycle of LRCK must be 50%. Figure 53
shows the LRCK and BCK timing that determines the TDMCA mode. The PCM1796 enters the TDMCA mode after
two continuous TDMCA frames. Any TDMCA commands can be issued during the next TDMCA frame after the
TDMCA mode is entered.
Pre-TDMCA Frame
BCK
LRCK
2 BCKs
TDMCA Frame
Command
Accept
Figure 53. LRCK and BCK Timing for Determination of TDMCA Mode
TDMCA Terminals
TDMCA requires six signals, of which four signals are for command and audio data interface, and one pair for daisy
chaining. Those signals can be shared as in the following table. The DO signal has a 3-state output so that it can
be connected directly to other devices.
TERMINAL
NAME
TDMCA
NAME
PROPERTY
DESCRIPTION
LRCK
LRCK
input
TDMCA frame start signal. It must be the same as the sampling frequency.
BCK
BCK
input
TDMCA clock. Its frequency must be high enough to communicate a TDMCA frame within an LRCK
cycle.
DATA
DI
input
TDMCA command and audio data input signal
MDO
DO
output
TDMCA command data 3-state output signal
MC
DCI
input
TDMCA daisy-chain input signal
MS
DCO
output
TDMCA daisy-chain output signal



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com