Electronic Components Datasheet Search
  English  ▼

X  

PCM1796 Datasheet(PDF) 42 Page - Texas Instruments

Part # PCM1796
Description  24-BIT, 192-kHz SAMPLING, ADVANCED SEGMENT, AUDIO STEREO DIGITAL-TO-ANALOG CONVERTER
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

PCM1796 Datasheet(HTML) 42 Page - Texas Instruments

Back Button PCM1796 Datasheet HTML 38Page - Texas Instruments PCM1796 Datasheet HTML 39Page - Texas Instruments PCM1796 Datasheet HTML 40Page - Texas Instruments PCM1796 Datasheet HTML 41Page - Texas Instruments PCM1796 Datasheet HTML 42Page - Texas Instruments PCM1796 Datasheet HTML 43Page - Texas Instruments PCM1796 Datasheet HTML 44Page - Texas Instruments PCM1796 Datasheet HTML 45Page - Texas Instruments PCM1796 Datasheet HTML 46Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 63 page
background image
PCM1796
SLES100A − DECEMBER 2003 − REVISED NOVEMBER 2006
www.ti.com
42
Requirements for System Clock
For operation in the DSD mode, the bit clock (DBCK) is required on pin 7 of the PCM1796. The frequency of the bit
clock can be N times the sampling frequency. Generally, N is 64 in DSD applications.
The interface timing between the bit clock and DSDL and DSDR is required to meet the setup and hold time
specifications shown in Figure 44.
t = 1/(64
× 44.1 kHz)
D1
DSDL
DSDR
D0
D2
D3
D4
DBCK
Figure 43. Normal Data Output Form From DSD Decoder
DSDL
DSDR
t(BCH)
DBCK
t(BCL)
t(BCY)
1.4 V
1.4 V
t(DS)
t(DH)
PARAMETER
MIN
MAX
UNITS
t(BCY) DBCK pulse cycle time
85(1)
ns
t(BCH) DBCK high-level time
30
ns
t(BCL) DBCK low-level time
30
ns
t(DS)
DSDL, DSDR setup time
10
ns
t(DH)
DSDL, DSDR hold time
10
ns
(1) 2.8224 MHz × 4. (2.8224 MHz = 64 × 44.1 kHz. This value is
specified as a sampling rate of DSD.)
Figure 44. Timing for DSD Audio Interface



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com