Electronic Components Datasheet Search
  English  ▼

X  

PCM1773PW Datasheet(PDF) 3 Page - Texas Instruments

Part # PCM1773PW
Description  LOW-VOLTAGE AND LOW-POWER STEREO AUDIO DIGITAL-TO-ANALOG CONVERTER WITH LINEOUT AMPLIFIER
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

PCM1773PW Datasheet(HTML) 3 Page - Texas Instruments

  PCM1773PW Datasheet HTML 1Page - Texas Instruments PCM1773PW Datasheet HTML 2Page - Texas Instruments PCM1773PW Datasheet HTML 3Page - Texas Instruments PCM1773PW Datasheet HTML 4Page - Texas Instruments PCM1773PW Datasheet HTML 5Page - Texas Instruments PCM1773PW Datasheet HTML 6Page - Texas Instruments PCM1773PW Datasheet HTML 7Page - Texas Instruments PCM1773PW Datasheet HTML 8Page - Texas Instruments PCM1773PW Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 40 page
background image
www.ti.com
ELECTRICAL CHARACTERISTICS
PCM1772, PCM1773
SLES010G – SEPTEMBER 2001 – REVISED MARCH 2007
all specifications at T
A = 25°C, VCC1 = VCC2 = 2.4 V, fS = 44.1 kHz, system clock = 256 fS and 24-bit data, RL = 10 kΩ, unless
otherwise noted
PCM1772PW, PCM1773PW,
PCM1772RGA, PCM1773RGA
PARAMETER
TEST CONDITIONS
UNIT
MIN
TYP
MAX
Resolution
24
Bits
OPERATING FREQUENCY
Sampling frequency (fS)
5
50
kHz
System clock frequency
128 fS, 192 fS, 256 fS, 384 fS
DIGITAL INPUT/OUTPUT(1)(2)
0.7
VIH
Vdc
VCC1
Input logic level
VIL
0.3 VCC1
Vdc
IIH
VIN = VCC1
10
µA
Input logic current
IIL
VIN = 0 V
–10
µA
0.7
VOH
IOH = –2 mA
Vdc
VCC1
Output logic level(3)
VOL
IOL = 2 mA
0.3 VCC1
Vdc
DYNAMIC PERFORMANCE (LINE OUTPUT)
Full-scale output voltage
0 dB
0.77 VCC2
VP-P
Dynamic range
EIAJ, A-weighted
90
98
dB
Signal-to-noise ratio
EIAJ, A-weighted
90
98
dB
THD+N
0 dB
0.007%
0.015%
Channel separation
70
80
dB
Load resistance
10
k
Ω
DC ACCURACY
Gain error
±2
±8
% of FSR
Gain mismatch,
±2
±8
% of FSR
channel-to-channel
Bipolar zero error
VOUT = 0.5 VCC1 at BPZ
±30
±75
mV
ANALOG LINE INPUT (MIXING CIRCUIT)
Analog input voltage range
0.584 VCC2
VP-P
Gain (analog input to line output)
0.91
Analog input impedance
10
k
Ω
THD+N
AIN = 0.56 VCC2 (peak-to-peak)
0.1%
DIGITAL FILTER PERFORMANCE
Pass band
0.454 fS
Stop band
0.546 fS
Pass-band ripple
±0.04
dB
Stop-band attenuation
–50
dB
Group delay
20/fS
44.1-kHz de-emphasis error
±0.1
dB
ANALOG FILTER PERFORMANCE
Frequency response
at 20 kHz
±0.2
dB
(1)
Digital inputs and outputs are CMOS compatible.
(2)
All logic inputs are 3.3-V tolerant and not terminated internally.
(3)
LRCK and BCK terminals
3
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com