Electronic Components Datasheet Search
  English  ▼

X  

PCM1773PW Datasheet(PDF) 1 Page - Texas Instruments

Part # PCM1773PW
Description  LOW-VOLTAGE AND LOW-POWER STEREO AUDIO DIGITAL-TO-ANALOG CONVERTER WITH LINEOUT AMPLIFIER
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

PCM1773PW Datasheet(HTML) 1 Page - Texas Instruments

  PCM1773PW Datasheet HTML 1Page - Texas Instruments PCM1773PW Datasheet HTML 2Page - Texas Instruments PCM1773PW Datasheet HTML 3Page - Texas Instruments PCM1773PW Datasheet HTML 4Page - Texas Instruments PCM1773PW Datasheet HTML 5Page - Texas Instruments PCM1773PW Datasheet HTML 6Page - Texas Instruments PCM1773PW Datasheet HTML 7Page - Texas Instruments PCM1773PW Datasheet HTML 8Page - Texas Instruments PCM1773PW Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 40 page
background image
BurrBrown Products
from Texas Instruments
FEATURES
APPLICATIONS
DESCRIPTION
PCM1772, PCM1773
SLES010G – SEPTEMBER 2001 – REVISED MARCH 2007
LOW-VOLTAGE AND LOW-POWER STEREO AUDIO
DIGITAL-TO-ANALOG CONVERTER WITH LINEOUT AMPLIFIER
• Portable Audio Player
• Multilevel DAC Including Lineout Amplifier
• Cellular Phone
• Analog Performance (V
CC1, VCC2 = 2.4 V):
• PDA
–
Dynamic Range: 98 dB Typ
• Other Applications Requiring Low-Voltage
–
THD+N at 0 dB: 0.007% Typ
Operation
• 1.6-V to 3.6-V Single Power Supply
• Low Power Dissipation:
6 mW at VCC1, VCC2 = 2.4 V
The PCM1772 and PCM1773 devices are CMOS,
• System Clock: 128 f
S, 192 fS, 256 fS, 384 fS
monolithic, integrated circuits which include stereo
• Sampling Frequency: 5 kHz to 50 kHz
digital-to-analog converters, lineout circuitry, and
support circuitry in small TSSOP-16 and VQFN-20
• Software Control (PCM1772):
packages.
–
16-, 20-, 24-Bit Word Available
The data converters use TI's enhanced multilevel
∆-Σ
–
Left-, Right-Justified, and I2S
architecture, which employs noise shaping and
–
Slave/Master Selectable
multilevel amplitude quantization to achieve excellent
–
Digital Attenuation: 0 dB to –62 dB,
dynamic performance and improved tolerance to
clock jitter. The PCM1772 and PCM1773 devices
1 dB/Step
accept several industry standard audio data formats
–
44.1-kHz Digital De-Emphasis
with 16- to 24-bit data, left-justified, I2S, etc.,
–
Zero Cross Attenuation
providing easy interfacing to audio DSP and decoder
–
Digital Soft Mute
devices. Sampling rates up to 50 kHz are supported.
A
full
set
of
user-programmable
functions
is
–
Monaural Analog-In With Mixing
accessible through a 3-wire serial control port, which
–
Monaural Speaker Mode
supports register write functions.
• Hardware Control (PCM1773):
–
Left-Justified and I2S
–
44.1-kHz Digital De-Emphasis
–
Monaural Analog-In With Mixing
• Pop-Noise-Free Circuit
• 3.3-V Tolerant
• Packages: TSSOP-16 and VQFN-20
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 2001–2007, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - PCM1773PW

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
PCM1773PW BURR-BROWN-PCM1773PW Datasheet
309Kb / 29P
LOW VOLTAGE AND LOW POWER STEREO AUDIO DIGITAL TO ANALOG CONVERTER WITH LINEOUT AMPIIFIER
logo
Texas Instruments
PCM1773PW TI1-PCM1773PW Datasheet
976Kb / 37P
LINEOUT AMPLIFIER
PCM1773PWG4 TI1-PCM1773PWG4 Datasheet
976Kb / 37P
LINEOUT AMPLIFIER
logo
Burr-Brown (TI)
PCM1773PWR BURR-BROWN-PCM1773PWR Datasheet
309Kb / 29P
LOW VOLTAGE AND LOW POWER STEREO AUDIO DIGITAL TO ANALOG CONVERTER WITH LINEOUT AMPIIFIER
logo
Texas Instruments
PCM1773PWR TI1-PCM1773PWR Datasheet
976Kb / 37P
LINEOUT AMPLIFIER
More results

Similar Description - PCM1773PW

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
PCM1710U BURR-BROWN-PCM1710U Datasheet
192Kb / 17P
Stereo Audio DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
PCM1770 TI-PCM1770 Datasheet
311Kb / 29P
LOW VOLTAGE AND POWER STEREO AUDIO DIGITAL TO ANALOG CONVER WITH HEADPHONE AMPLIFER
logo
Burr-Brown (TI)
PCM1772 BURR-BROWN-PCM1772 Datasheet
309Kb / 29P
LOW VOLTAGE AND LOW POWER STEREO AUDIO DIGITAL TO ANALOG CONVERTER WITH LINEOUT AMPIIFIER
logo
Cirrus Logic
CS43L21 CIRRUS-CS43L21 Datasheet
1Mb / 63P
Low Power, Stereo Digital to Analog Converter
CS53L21 CIRRUS-CS53L21 Datasheet
1Mb / 66P
Low Power, Stereo Analog to Digital Converter
logo
Texas Instruments
PCM1770 TI-PCM1770_07 Datasheet
569Kb / 38P
LOW-VOLTAGE AND LOW-POWER STEREO AUDIO DIGITAL-TO-ANALOG CONVERTER WITH HEADPHONE AMPLIFIER
PCM1794A TI1-PCM1794A Datasheet
995Kb / 34P
Audio Stereo Digital-to-Analog Converter
PCM1795 TI1-PCM1795 Datasheet
1Mb / 63P
Stereo Audio Digital-to-Analog Converter
PCM1738 TI1-PCM1738_15 Datasheet
709Kb / 47P
Audio-Stereo Digital-to-Analog Converter
PCM1793 TI1-PCM1793_08 Datasheet
454Kb / 29P
AUDIO STEREO DIGITAL-TO-ANALOG CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com