Electronic Components Datasheet Search
  English  ▼

X  

PCM1773PW Datasheet(PDF) 8 Page - Texas Instruments

Part # PCM1773PW
Description  LOW-VOLTAGE AND LOW-POWER STEREO AUDIO DIGITAL-TO-ANALOG CONVERTER WITH LINEOUT AMPLIFIER
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

PCM1773PW Datasheet(HTML) 8 Page - Texas Instruments

Back Button PCM1773PW Datasheet HTML 4Page - Texas Instruments PCM1773PW Datasheet HTML 5Page - Texas Instruments PCM1773PW Datasheet HTML 6Page - Texas Instruments PCM1773PW Datasheet HTML 7Page - Texas Instruments PCM1773PW Datasheet HTML 8Page - Texas Instruments PCM1773PW Datasheet HTML 9Page - Texas Instruments PCM1773PW Datasheet HTML 10Page - Texas Instruments PCM1773PW Datasheet HTML 11Page - Texas Instruments PCM1773PW Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 40 page
background image
www.ti.com
DAC
∆Σ
Audio
Interface
× 8
Digital
Filter
+
DAC
∆Σ
SPI
Port
× 8
Digital
Filter
+
VCOM
Clock Manager
Power Supply
LRCK
DATA
BCK
(FMT) MS
(AMIX) MC
(DEMP) MD
SCKI
PD
VCC1
VCC2
VOUTR
VCOM
VOUTL
AIN
Digital
Attenuator
Lineout
Amplifier
( ) : PCM1773
AGND1
AGND2
B0001-01
TYPICAL PERFORMANCE CURVES
DIGITAL FILTER
Digital Filter (De-Emphasis Off)
−140
−120
−100
−80
−60
−40
−20
0
0
1
2
3
4
G001
f – Frequency [ fS]
f – Frequency [ fS]
−0.05
−0.04
−0.03
−0.02
−0.01
0.00
0.01
0.02
0.03
0.04
0.05
0.0
0.1
0.2
0.3
0.4
0.5
G002
PCM1772, PCM1773
SLES010G – SEPTEMBER 2001 – REVISED MARCH 2007
FUNCTIONAL BLOCK DIAGRAM
All specifications at T
A = 25°C, VCC1 = VCC2 = 2.4 V, fS = 44.1 kHz, system clock = 256 fS and 24-bit data, RL = 10 kΩ, unless
otherwise noted.
AMPLITUDE
AMPLITUDE
vs
vs
FREQUENCY
FREQUENCY
Figure 1.
Figure 2.
8
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com