Electronic Components Datasheet Search
  English  ▼

X  

PCM1773RGA Datasheet(PDF) 2 Page - Texas Instruments

Part # PCM1773RGA
Description  LOW-VOLTAGE AND LOW-POWER STEREO AUDIO DIGITAL-TO-ANALOG CONVERTER WITH LINEOUT AMPLIFIER
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

PCM1773RGA Datasheet(HTML) 2 Page - Texas Instruments

  PCM1773RGA Datasheet HTML 1Page - Texas Instruments PCM1773RGA Datasheet HTML 2Page - Texas Instruments PCM1773RGA Datasheet HTML 3Page - Texas Instruments PCM1773RGA Datasheet HTML 4Page - Texas Instruments PCM1773RGA Datasheet HTML 5Page - Texas Instruments PCM1773RGA Datasheet HTML 6Page - Texas Instruments PCM1773RGA Datasheet HTML 7Page - Texas Instruments PCM1773RGA Datasheet HTML 8Page - Texas Instruments PCM1773RGA Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 40 page
background image
www.ti.com
ABSOLUTE MAXIMUM RATINGS
RECOMMENDED OPERATING CONDITIONS
PCM1772, PCM1773
SLES010G – SEPTEMBER 2001 – REVISED MARCH 2007
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
over operating free-air temperature range unless otherwise noted(1)
PCM1772
PCM1773
Supply voltage: VCC1, VCC2
–0.3 V to 4 V
Supply voltage differences: VCC1, VCC2
±0.1 V
Ground voltage differences
±0.1 V
Digital input voltage
–0.3 V to 4 V
Input current (any terminals except supplies)
±10 mA
Operating temperature
–40°C to 125°C
Storage temperature
–55°C to 150°C
Junction temperature
150°C
Lead temperature (soldering)
260°C, 5 s
Package temperature (IR reflow, peak)
260°C
(1)
Stresses beyond those listed under "absolute maximum ratings" may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under "recommended operating
conditions" is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
over operating free-air temperature range
MIN
NOM
MAX
UNIT
Supply voltage: VCC1, VCC2
1.6
2.4
3.6
V
Digital input logic family
CMOS
System clock
0.64
19.2
MHz
Digital input clock frequency
Sampling clock
5
50
kHz
Analog output load resistance
10
k
Ω
Analog input level (VCC2 = 2.4 V)
1.4
Vp-p
Operating free-air temperature, TA
–25
85
°C
2
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com