Electronic Components Datasheet Search
  English  ▼

X  

PCM1773RGA Datasheet(PDF) 24 Page - Texas Instruments

Part # PCM1773RGA
Description  LOW-VOLTAGE AND LOW-POWER STEREO AUDIO DIGITAL-TO-ANALOG CONVERTER WITH LINEOUT AMPLIFIER
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

PCM1773RGA Datasheet(HTML) 24 Page - Texas Instruments

Back Button PCM1773RGA Datasheet HTML 20Page - Texas Instruments PCM1773RGA Datasheet HTML 21Page - Texas Instruments PCM1773RGA Datasheet HTML 22Page - Texas Instruments PCM1773RGA Datasheet HTML 23Page - Texas Instruments PCM1773RGA Datasheet HTML 24Page - Texas Instruments PCM1773RGA Datasheet HTML 25Page - Texas Instruments PCM1773RGA Datasheet HTML 26Page - Texas Instruments PCM1773RGA Datasheet HTML 27Page - Texas Instruments PCM1773RGA Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 40 page
background image
www.ti.com
Register Definitions
PCM1772, PCM1773
SLES010G – SEPTEMBER 2001 – REVISED MARCH 2007
Register 01
B15
B14
B13
B12
B11
B10
B9
B8
B7
B6
B5
B4
B3
B2
B1
B0
0
IDX6
IDX5
IDX4
IDX3
IDX2
IDX1
IDX0
MUTR
MUTL
ATL5
ATL4
ATL3
ATL2
ATL1
ATL0
IDX[6:0]: 000 0001b
MUTx: Soft Mute Control
Where, x = L or R, corresponding to the line output VOUTL or VOUTR.
Default Value: 0
MUTL, MUTR = 0
Mute disabled (default)
MUTL, MUTR = 1
Mute enabled
The mute bits, MUTL and MUTR, enable or disable the soft mute function for the corresponding line outputs,
VOUTL and VOUTR. The soft mute function is incorporated into the digital attenuators. When mute is disabled
(MUTx = 0), the attenuator and DAC operate normally. When mute is enabled by setting MUTx = 1, the digital
attenuator for the corresponding output is decreased from the current setting to infinite attenuation, one
attenuator step (1 dB) at a time. This provides pop-free muting of the line output.
By setting MUTx = 0, the attenuator is increased one step at a time to the previously programmed attenuation
level.
ATL[5:0]: Digital Attenuation Level Setting for Line Output, VOUTL
Default value: 11 1111b
Line output, VOUTL, includes a digital attenuation function. The attenuation level can be set from 0 dB to –62 dB,
in 1-dB steps. Changes in attenuator levels are made by incrementing or decrementing by one step (1 dB) for
every 8/fS time internal until the programmed attenuator setting is reached. Alternatively, the attenuation level
can be set to infinite attenuation (or mute).
The following table shows attenuation levels for various settings:
ATL[5:0]
ATTENUATION LEVEL SETTING
11 1111b
0 dB, no attenuation (default)
11 1110b
–1 dB
11 1101b
–2 dB
:
:
00 0010b
–61 dB
00 0001b
–62 dB
00 0000b
Mute
Register 02
B15
B14
B13
B12
B11
B10
B9
B8
B7
B6
B5
B4
B3
B2
B1
B0
0
IDX6
IDX5
IDX4
IDX3
IDX2
IDX1
IDX0
RSV
RSV
ATR5
ATR4
ATR3
ATR2
ATR1
ATR0
IDX[6:0]: 000 0010b
ATR[5:0]: Digital Attenuation Level Setting for Line Output, VOUTR
Default Value: 11 1111b
Line output, VOUTR, includes a digital attenuation function. The attenuation level can be set from 0 dB to –62 dB,
in 1-dB steps. Changes in attenuator levels are made by incrementing or decrementing by one step (1 dB) for
every 8/fS time internal until the programmed attenuator setting is reached. Alternatively, the attenuation level
can be set to infinite attenuation (or mute).
To set the attenuation levels for ATR[5:0], see the table for ATL[5:0], register 01.
24
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com