Electronic Components Datasheet Search
  English  ▼

X  

PCM1773RGA Datasheet(PDF) 23 Page - Texas Instruments

Part # PCM1773RGA
Description  LOW-VOLTAGE AND LOW-POWER STEREO AUDIO DIGITAL-TO-ANALOG CONVERTER WITH LINEOUT AMPLIFIER
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

PCM1773RGA Datasheet(HTML) 23 Page - Texas Instruments

Back Button PCM1773RGA Datasheet HTML 19Page - Texas Instruments PCM1773RGA Datasheet HTML 20Page - Texas Instruments PCM1773RGA Datasheet HTML 21Page - Texas Instruments PCM1773RGA Datasheet HTML 22Page - Texas Instruments PCM1773RGA Datasheet HTML 23Page - Texas Instruments PCM1773RGA Datasheet HTML 24Page - Texas Instruments PCM1773RGA Datasheet HTML 25Page - Texas Instruments PCM1773RGA Datasheet HTML 26Page - Texas Instruments PCM1773RGA Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 40 page
background image
www.ti.com
Mode Control Registers (PCM1772)
User-Programmable Mode Controls
Register Map
PCM1772, PCM1773
SLES010G – SEPTEMBER 2001 – REVISED MARCH 2007
The PCM1772 device has a number of user-programmable functions that can be accessed via mode control
registers. The registers are programmed using the serial control interface, as discussed in the Software Control
(PCM1772) section. Table 6 lists the available mode control functions, along with their reset default conditions
and associated register index.
Table 7 shows the mode control register map. Each register includes an index (or address) indicated by the
IDX[6:0] bits.
Table 6. User-Programmable Mode Controls
FUNCTION
RESET DEFAULT
REGISTER NO.
BIT(S)
Soft mute control, L/R independently
Disabled
01
MUTL, MUTR
Digital attenuation level setting, 0 dB to –62 dB in 1-dB steps, L/R
0 dB
01, 02
ATL[5:0], ATR[5:0]
independently
Oversampling rate control (128 fS, 192 fS, 256 fS, 384 fS)
128 fS oversampling
03
OVER
Polarity control for analog output for R-channel DAC
Not inverted
03
RINV
Analog mixing control for analog in, AIN (terminal 14)
Disabled
03
AMIX
44.1-kHz de-emphasis control
Disabled
03
DEM
Audio data format select
24-bit, left-justified format
03
FMT[2:0]
Zero cross attenuation
Disabled
04
ZCAT
Power-down control
Disabled
04
PWRD
Table 7. Mode Control Register Map
Register
IDX
B15
B14
B13
B12
B11
B10
B9
B8
B7
B6
B5
B4
B3
B2
B1
B0
[6:0]
(B14-
B8)
Register 01
01h
0
IDX6
IDX5
IDX4
IDX3
IDX2
IDX1
IDX0
MUTR
MUTL
ATL5
ATL4
ATL3
ATL2
ATL1
ATL0
Register 02
02h
0
IDX6
IDX5
IDX4
IDX3
IDX2
IDX1
IDX0
RSV(1)
RSV(1)
ATR5
ATR4
ATR3
ATR2
ATR1
ATR0
Register 03
03h
0
IDX6
IDX5
IDX4
IDX3
IDX2
IDX1
IDX0
OVER
RSV(1)
RINV
AMIX
DEM
FMT2
FMT1
FMT0
Register 04
04h
0
IDX6
IDX5
IDX4
IDX3
IDX2
IDX1
IDX0
RSV(1)
RSV(1)
RSV(1)
ZCAT
RSV(1)
RSV(1)
RSV(1)
PWRD
(1)
RSV: Reserved for test operation. It must be set to 0 during regular operation.
23
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com