Electronic Components Datasheet Search
  English  ▼

X  

PCM1780 Datasheet(PDF) 2 Page - Texas Instruments

Part # PCM1780
Description  24-Bit, 192-kHz Sampling, Enhanced Multilevel, Delta-Sigma, Audio Digital-to-Analog Converter
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

PCM1780 Datasheet(HTML) 2 Page - Texas Instruments

  PCM1780 Datasheet HTML 1Page - Texas Instruments PCM1780 Datasheet HTML 2Page - Texas Instruments PCM1780 Datasheet HTML 3Page - Texas Instruments PCM1780 Datasheet HTML 4Page - Texas Instruments PCM1780 Datasheet HTML 5Page - Texas Instruments PCM1780 Datasheet HTML 6Page - Texas Instruments PCM1780 Datasheet HTML 7Page - Texas Instruments PCM1780 Datasheet HTML 8Page - Texas Instruments PCM1780 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 37 page
background image
www.ti.com
ABSOLUTE MAXIMUM RATINGS
RECOMMENDED OPERATING CONDITIONS
ELECTRICAL CHARACTERISTICS
PCM1780, PCM1781, PCM1782
SLES132B – MARCH 2005 – REVISED AUGUST 2006
This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling and installation procedures can cause damage. ESD damage can
range from subtle performance degradation to complete device failure. Precision integrated circuits may be more susceptible to
damage because very small parametric changes could cause the device not to meet its published specifications.
over operating free-air temperature range (unless otherwise noted)(1)
PCM1780, PCM1781, PCM1782
Supply voltage
VCC
–0.3 V to 6.5 V
Input voltage
–0.3 V to VCC + 0.3 V, < 6.5 V
Input current (any pins except supplies)
±10 mA
Ambient temperature under bias
– 40°C to 125°C
Storage temperature
– 55°C to 150°C
Junction temperature
150°C
Lead temperature (soldering)
260°C, 5 s
Package temperature (IR reflow, peak)
260°C
(1)
Stresses beyond those listed under "absolute maximum ratings" may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under "recommended operating
conditions" is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
over operating free-air temperature range
MIN
NOM
MAX
UNIT
Digital and analog supply voltage, VCC
4.5
5
5.5
V
Digital input logic family
TTL
System clock
8.192
36.864
MHz
Digital input clock frequency
Sampling clock
32
192
kHz
Analog output load resistance
5
k
Ω
Analog output load capacitance
50
pF
Digital output load capacitance
20
pF
Operating free-air temperature, TA
–25
85
°C
All specifications at T
A = 25°C, VCC = 5 V, fS = 48 kHz, system clock = 512 fS, and 24-bit data (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Resolution
24
Bits
DATA FORMAT
PCM1780,
Right-justified, I2S,
PCM1782
left-justified
Audio data interface format
PCM1781
I2S, right-justified
PCM1780,
16-, 18-, 20-, 24-bit
PCM1782
selectable
Audio data bit length
16–24-bit I2S, 16-bit
PCM1781
right-justified
Audio data format
MSB-first, 2s complement
fS
Sampling frequency
5
200
kHz
128 fS, 192 fS, 256 fS, 384 fS,
System clock frequency
512 fS, 768 fS, 1152 fS
2
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com