Electronic Components Datasheet Search
  English  ▼

X  

PCM1780 Datasheet(PDF) 13 Page - Texas Instruments

Part # PCM1780
Description  24-Bit, 192-kHz Sampling, Enhanced Multilevel, Delta-Sigma, Audio Digital-to-Analog Converter
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

PCM1780 Datasheet(HTML) 13 Page - Texas Instruments

Back Button PCM1780 Datasheet HTML 9Page - Texas Instruments PCM1780 Datasheet HTML 10Page - Texas Instruments PCM1780 Datasheet HTML 11Page - Texas Instruments PCM1780 Datasheet HTML 12Page - Texas Instruments PCM1780 Datasheet HTML 13Page - Texas Instruments PCM1780 Datasheet HTML 14Page - Texas Instruments PCM1780 Datasheet HTML 15Page - Texas Instruments PCM1780 Datasheet HTML 16Page - Texas Instruments PCM1780 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 37 page
background image
www.ti.com
Power-On-Reset Functions
Reset
Reset Release
VCC
3.7 V
3 V
2.2 V
Internal Reset
System Clock
T0014-06
0 V
Don’t Care
3072 System Clocks
Audio Serial Interface
Audio Data Formats and Timing
PCM1780, PCM1781, PCM1782
SLES132B – MARCH 2005 – REVISED AUGUST 2006
The PCM1780/81/82 includes a power-on-reset function. Figure 21 shows the operation of this function. With the
system clock active and VCC > 3 V (typical, 2.2 V to 3.7 V), the power-on-reset function is enabled. The
initialization sequence requires 3072 system clocks from the time VCC > 3 V (typical, 2.2 V to 3.7 V). After the
initialization period, the PCM1780/82 is set to its reset default state, as described in the Mode Control Register
section of this data sheet.
During the reset period (3072 system clocks), the analog output is forced to the common voltage (VCOM), or
VCC/2. After the reset period, the internal register is initialized in the next 1/fS period and if SCK, BCK, and LRCK
are provided continuously, the PCM1780/81/82 provides the proper analog output with a group delay
corresponding to the input data.
Figure 21. Power-On-Reset Timing
The audio serial interface for the PCM1780/81/82 consists of a three-wire synchronous serial port. It includes
LRCK (pin 8), BCK (pin 7), and DATA (pin 6). BCK is the serial audio bit clock, and it is used to clock the serial
data present on DATA into the serial shift register of the audio interface. Serial data is clocked into the
PCM1780/81/82 on the rising edge of BCK. LRCK is the serial audio left/right word clock. It is used to latch
serial data into the internal registers of the serial audio interface.
Both LRCK and BCK should be synchronous with the system clock. Ideally, it is recommended that LRCK and
BCK be derived from the system clock input, SCK. LRCK is operated at the sampling frequency, fS. BCK can be
operated at 32, 48, or 64 times the sampling frequency.
Internal operation of the PCM1780/81/82 is synchronized with LRCK. Accordingly, internal operation of the
device is suspended when the sampling rate clock, LRCK, is changed or SCK and/or BCK is interrupted at least
for three bit-clock cycles. If SCK, BCK, and LRCK are provided continuously after this suspended condition, the
internal operation is resynchronized automatically within a period of less than 3/fS. External resetting is not
required.
The PCM1780/82 supports industry-standard audio data formats, including right-justified, I2S, and left-justified.
The PCM1781 supports I2S and 16-bit-word, right-justified. The data formats are shown in Figure 22. Data
formats are selected for the PCM1780/82 using the format bits, FMT[2:0], located in control register 20, and are
selected for the PCM1781 using the FMT pin. The default data format is 24-bit, left-justified. All formats require
binary 2s complement, MSB-first audio data. Figure 23 shows a detailed timing diagram for the serial audio
interface.
13
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com