Electronic Components Datasheet Search
  English  ▼

X  

PCM1780 Datasheet(PDF) 21 Page - Texas Instruments

Part # PCM1780
Description  24-Bit, 192-kHz Sampling, Enhanced Multilevel, Delta-Sigma, Audio Digital-to-Analog Converter
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

PCM1780 Datasheet(HTML) 21 Page - Texas Instruments

Back Button PCM1780 Datasheet HTML 17Page - Texas Instruments PCM1780 Datasheet HTML 18Page - Texas Instruments PCM1780 Datasheet HTML 19Page - Texas Instruments PCM1780 Datasheet HTML 20Page - Texas Instruments PCM1780 Datasheet HTML 21Page - Texas Instruments PCM1780 Datasheet HTML 22Page - Texas Instruments PCM1780 Datasheet HTML 23Page - Texas Instruments PCM1780 Datasheet HTML 24Page - Texas Instruments PCM1780 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 37 page
background image
www.ti.com
PCM1780, PCM1781, PCM1782
SLES132B – MARCH 2005 – REVISED AUGUST 2006
B15
B14
B13
B12
B11
B10
B9
B8
B7
B6
B5
B4
B3
B2
B1
B0
REGISTER 18
0
IDX6 IDX5 IDX4 IDX3 IDX2 IDX1 IDX0
SRST
OVER
RSV
RSV
RSV
RSV
MUT2
MUT1
NOTE: RSV indicates a reserved bit that should be set to 0.
MUTx: Soft Mute Control
Where x = 1 or 2, corresponding to the DAC output VOUTL (x = 1) and VOUTR (x = 2).
Default value: 0
MUTx = 0
Mute disabled (default)
MUTx = 1
Mute enabled
The mute bits, MUT1 and MUT2, are used to enable or disable the soft mute function for the corresponding DAC
outputs, VOUTL and VOUTR. The soft mute function is incorporated into the digital attenuators. When mute is
disabled (MUTx = 0), the attenuator and DAC operate normally. When mute is enabled by setting MUTx = 1, the
digital attenuator for the corresponding output is decreased from the current setting to infinite attenuation, one
attenuator step (S dB) for every 8/fS seconds. This provides pop-free muting of the DAC output. The step size,
S, is 0.5 dB for DAMS = 0 and 1 dB for DAMS = 1.
By setting MUTx = 0, the attenuator is increased one step for every 8/fS seconds to the previously programmed
attenuation level.
OVER: Oversampling Rate Control
Default value: 0
System clock frequency = 512 fS, 768 fS, or 1152 fS
OVER = 0
×64 oversampling (default)
OVER = 1
×128 oversampling (applicable only if sampling clock frequency
≤ 24 kHz)
System clock frequency = 256 fS or 384 fS
OVER = 0
×32 oversampling (default)
OVER = 1
×64 oversampling (applicable only if sampling clock frequency
≤ 48 kHz)
System clock frequency = 128 fS, 192 fS
OVER = 0
×16 oversampling (default)
OVER = 1
×32 oversampling (applicable only if sampling clock frequency
≤ 96 kHz)
The OVER bit is used to control the oversampling rate of the delta-sigma D/A converters.
Setting OVER = 1 is recommended under the following conditions:
•
System clock frequency = 512 fS, 768 fS, or 1152 fS, and sampling clock frequency ≤ 24 kHz
•
System clock frequency = 256 fS or 384 fS and sampling clock frequency ≤ 48 kHz
•
System clock frequency = 128 fS or 192 fS and sampling clock frequency ≤ 96 kHz
SRST: Reset
Default value: 0
SRST = 0
Reset disabled (default)
SRST = 1
Reset enabled
The SRST bit is used to enable or disable the soft reset function. The operation is the same as for the
power-on-reset function with the exception of the reset period, which is 1024 system clocks for the SRST
function. All registers are initialized.
21
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com