Electronic Components Datasheet Search
  English  ▼

X  

PCM4104 Datasheet(PDF) 3 Page - Texas Instruments

Part # PCM4104
Description  High-Performance, 24-Bit, 216kHz Sampling, Four-Channel Audio Digital-to-Analog Converter
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

PCM4104 Datasheet(HTML) 3 Page - Texas Instruments

  PCM4104 Datasheet HTML 1Page - Texas Instruments PCM4104 Datasheet HTML 2Page - Texas Instruments PCM4104 Datasheet HTML 3Page - Texas Instruments PCM4104 Datasheet HTML 4Page - Texas Instruments PCM4104 Datasheet HTML 5Page - Texas Instruments PCM4104 Datasheet HTML 6Page - Texas Instruments PCM4104 Datasheet HTML 7Page - Texas Instruments PCM4104 Datasheet HTML 8Page - Texas Instruments PCM4104 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 40 page
background image
PCM4104
SBAS291C − AUGUST 2003 − REVISED DECEMBER 2004
www.ti.com
3
ELECTRICAL CHARACTERISTICS
All parameters are specified at TA = +25°C with VCC = +5V, VDD = +3.3V, and a measurement bandwidth from 10Hz to 20kHz, unless otherwise
noted. System clock frequency is equal to 256fS for Single and Dual Rate sampling modes, and 128fS for Quad Rate sampling mode.
PCM4104
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
RESOLUTION
24
Bits
DATA FORMAT
Audio data formats
Left or Right Justified, I2S, and TDM
Audio data word length
16
24
Bits
Binary data format
Two’s Complement Binary, MSB First
CLOCK RATES AND TIMING
Single rate sampling mode
6.144
36.864
MHz
System clock frequency
fSCKI Dual rate sampling mode
13.824
36.864
MHz
System clock frequency
fSCKI
Quad rate sampling mode
13.824
36.864
MHz
Single rate sampling mode
24
54
kHz
Sampling frequency
fS Dual rate sampling mode
54
108
kHz
Sampling frequency
fS
Quad rate sampling mode
108
216
kHz
SPI port data clock
fCCLK
24
MHz
SPI port data clock high time
tCCLKH
15
ns
SPI port data clock low time
tCCLKL
15
ns
DIGITAL INPUT/OUTPUT
Input logic level
VIH
2.0
V
Input logic level
VIL
0.8
V
Input logic current
IIH
VIN = VDD
1
10
µA
Input logic current
IIL
VIN = 0V
1
−10
µA
Output logic level
VOH
IOH = −2mA
2.4
V
Output logic level
VOL
IOH = +2mA
0.4
V
ANALOG OUTPUTS
Full-scale output voltage, differential
RL = 600Ω
6.15
VPP
Bipolar zero voltage
2.5
V
Output impedance
5
Ohms
Switched capacitor filter frequency response
f = 20kHz, all sampling modes
−0.2
dB
Gain error
0.5
% FSR
Gain mismatch, channel-to-channel
0.6
% FSR
Bipolar zero error
1
mV
VCOM1 and VCOM2 output voltage
VCC = +5V
2.5
V
VCOM1 and VCOM2 output current
200
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com