Electronic Components Datasheet Search
  English  ▼

X  

PCM4104 Datasheet(PDF) 32 Page - Texas Instruments

Part # PCM4104
Description  High-Performance, 24-Bit, 216kHz Sampling, Four-Channel Audio Digital-to-Analog Converter
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

PCM4104 Datasheet(HTML) 32 Page - Texas Instruments

Back Button PCM4104 Datasheet HTML 28Page - Texas Instruments PCM4104 Datasheet HTML 29Page - Texas Instruments PCM4104 Datasheet HTML 30Page - Texas Instruments PCM4104 Datasheet HTML 31Page - Texas Instruments PCM4104 Datasheet HTML 32Page - Texas Instruments PCM4104 Datasheet HTML 33Page - Texas Instruments PCM4104 Datasheet HTML 34Page - Texas Instruments PCM4104 Datasheet HTML 35Page - Texas Instruments PCM4104 Datasheet HTML 36Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 40 page
background image
PCM4104
SBAS291C − AUGUST 2003 − REVISED DECEMBER 2004
www.ti.com
32
36
35
34
33
32
31
30
29
28
27
26
25
V
OUT4+
V
OUT4−
AGND2
V
REF4−
V
REF4+
NC
NC
FS1
FS0
FMT2
FMT1
FMT0
1
2
3
4
5
6
7
8
9
10
11
12
V
OUT1+
V
OUT1−
AGND1
V
REF1−
V
REF1+
NC
NC
MODE
RST
MUTE
DEM1
DEM0
48
47
46
45
44
43
42
41
40
39
38
13
14
15
16
17
18
19
20
21
22
23
37
24
PCM4104
Audio Data Source
Master
Clock
Generator
From
Logic or
Host Control
To Analog Output Filters(1)
(2)
(2)
0.1
µF10µF
+5.0V
Pin 40
Pin 45
+
0.1
µF10µF
+
Host Control
(2)
+3.3V
+3.3V
Pin 19
0.1
µF10µF
+
(1) Refer to
and
in this document.
(2) Refer to
in this document for external connection requirements.
Figure 21
Figure 22
Figure 3
Figure 20. Typical Software Mode Configuration



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com