Electronic Components Datasheet Search
  English  ▼

X  

PCM4104 Datasheet(PDF) 12 Page - Texas Instruments

Part # PCM4104
Description  High-Performance, 24-Bit, 216kHz Sampling, Four-Channel Audio Digital-to-Analog Converter
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

PCM4104 Datasheet(HTML) 12 Page - Texas Instruments

Back Button PCM4104 Datasheet HTML 8Page - Texas Instruments PCM4104 Datasheet HTML 9Page - Texas Instruments PCM4104 Datasheet HTML 10Page - Texas Instruments PCM4104 Datasheet HTML 11Page - Texas Instruments PCM4104 Datasheet HTML 12Page - Texas Instruments PCM4104 Datasheet HTML 13Page - Texas Instruments PCM4104 Datasheet HTML 14Page - Texas Instruments PCM4104 Datasheet HTML 15Page - Texas Instruments PCM4104 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 40 page
background image
PCM4104
SBAS291C − AUGUST 2003 − REVISED DECEMBER 2004
www.ti.com
12
TYPICAL CHARACTERISTICS (continued)
All parameters are specified at TA = +25°C with VCC = +5V, VDD = +3.3V, and a measurement bandwidth from 10Hz to 20kHz, unless otherwise
noted. System clock frequency is equal to 256fS for Single and Dual Rate sampling modes, and 128fS for Quad Rate sampling mode.
0.0
−1.0
−2.0
−3.0
−4.0
−5.0
−6.0
−7.0
−8.0
−9.0
−10.0
DE−EMPHASIS FILTER RESPONSE (f
S =44.1kHz)
0
2
4
6
8
1012
14
1618
20
Frequency (kHz)
0.5
0.4
0.3
0.2
0.1
0.0
−0.1
−0.2
−0.3
−0.4
−0.5
DE−EMPHASIS ERROR (f
S = 44.1kHz)
0
2
4
6
8
1012
14
1618
20
Frequency (kHz)
0.0
−1.0
−2.0
−3.0
−4.0
−5.0
−6.0
−7.0
−8.0
−9.0
−10.0
DE− EMPHASIS FILTER RESPONSE (f
S =48kHz)
0
2
4
6
8
1012
14
1618
22
Frequency (kHz)
0.5
0.4
0.3
0.2
0.1
0.0
−0.1
−0.2
−0.3
−0.4
−0.5
DE− EMPHASIS ERROR (f
S =48kHz)
0
2
4
6
8
1012
14
1618
22
Frequency (kHz)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com