Electronic Components Datasheet Search
  English  ▼

X  

PCM4202DB Datasheet(PDF) 5 Page - Texas Instruments

Part # PCM4202DB
Description  High-Performance 24-Bit, 216kHz Sampling Stereo Audio Analog-to-Digital Converter
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

PCM4202DB Datasheet(HTML) 5 Page - Texas Instruments

  PCM4202DB Datasheet HTML 1Page - Texas Instruments PCM4202DB Datasheet HTML 2Page - Texas Instruments PCM4202DB Datasheet HTML 3Page - Texas Instruments PCM4202DB Datasheet HTML 4Page - Texas Instruments PCM4202DB Datasheet HTML 5Page - Texas Instruments PCM4202DB Datasheet HTML 6Page - Texas Instruments PCM4202DB Datasheet HTML 7Page - Texas Instruments PCM4202DB Datasheet HTML 8Page - Texas Instruments PCM4202DB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 32 page
background image
PCM4202
SBAS290B − JULY 2003 − SEPTEMBER 2004
www.ti.com
5
ELECTRICAL CHARACTERISTICS (continued)
All parameters are specified at TA = +25°C with VCC = +5V, VDD = +3.3V, and a measurement bandwidth from 20Hz to 20kHz, unless otherwise
noted. System clock frequency is equal to 256fS for Single and Dual Rate sampling modes, and 128fS for Quad Rate sampling mode.
PCM4202
PARAMETER
UNITS
MAX
TYP
MIN
CONDITIONS
DYNAMIC PERFORMANCE(3)
fS = 48kHz, Single Rate
BW = 20Hz to 20kHz
Total harmonic distortion + noise
THD+N
VIN = −0.5dBFS, fIN = 1kHz
−105
−95
dB
Dynamic range
VIN = −60dBFS, fIN = 1kHz, A-Weighted
112
118
dB
Dynamic range, no weighting
VIN = −60dBFS, fIN = 1kHz
116
dB
Channel separation
100
120
dB
fS = 96kHz, Dual Rate
BW = 20Hz to 40kHz
Total harmonic distortion + noise
THD+N
VIN = −0.5dBFS, fIN = 1kHz
−105
dB
Dynamic range
VIN = −60dBFS, fIN = 1kHz, A-Weighted
118
dB
Dynamic range, no weighting
VIN = −60dBFS, fIN = 1kHz
112
dB
Channel separation
120
dB
fS = 192kHz, Quad Rate
BW = 20Hz to 40kHz
Total harmonic distortion + noise
THD+N
VIN = −0.5dBFS, fIN = 1kHz
−103
dB
Dynamic range
VIN = 0VRMS, A-Weighted
117
dB
Dynamic range, no weighting
VIN = 0VRMS
108
dB
Channel separation
120
dB
DSD Output, 64fS Rate
DSDBCK = 2.8224MHz
Total harmonic distortion + noise
THD+N
VIN = −0.5dBFS, fIN = 1kHz
−102
dB
Dynamic range
VIN = −60dBFS, fIN = 1kHz, A-Weighted
115
dB
Channel separation
120
dB
DSD Output, 128fS Rate
DSDBCK = 5.6448MHz
Total harmonic distortion + noise
THD+N
VIN = −0.5dBFS, fIN = 1kHz
−105
dB
Dynamic range
VIN = −60dBFS, fIN = 1kHz, A-Weighted
118
dB
Channel separation
120
dB
(1) Applies to the RST input, pin 19.
(2) Single, Dual, and Quad Rate sampling modes are described within this data sheet.
(3) Dynamic performance parameters are measured using an Audio Precision System Two Cascade or Cascade Plus test system. The
measurement bandwidth is limited by using the Audio Precision 22Hz high-pass filter in combination with the Audio Precision 20kHz, fS/2, or
a user-defined 40kHz low-pass filter. All A-weighted measurements are performed using the Audio Precision A-weighting filter in combination
with the previously mentioned filters.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com