Electronic Components Datasheet Search
  English  ▼

X  

PCM4202DB Datasheet(PDF) 9 Page - Texas Instruments

Part # PCM4202DB
Description  High-Performance 24-Bit, 216kHz Sampling Stereo Audio Analog-to-Digital Converter
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

PCM4202DB Datasheet(HTML) 9 Page - Texas Instruments

Back Button PCM4202DB Datasheet HTML 5Page - Texas Instruments PCM4202DB Datasheet HTML 6Page - Texas Instruments PCM4202DB Datasheet HTML 7Page - Texas Instruments PCM4202DB Datasheet HTML 8Page - Texas Instruments PCM4202DB Datasheet HTML 9Page - Texas Instruments PCM4202DB Datasheet HTML 10Page - Texas Instruments PCM4202DB Datasheet HTML 11Page - Texas Instruments PCM4202DB Datasheet HTML 12Page - Texas Instruments PCM4202DB Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 32 page
background image
PCM4202
SBAS290B − JULY 2003 − SEPTEMBER 2004
www.ti.com
9
TYPICAL CHARACTERISTICS (continued)
At TA = +25°C with VCC = +5V, VDD = +3.3V, and a measurement bandwidth from 20Hz to 20kHz, unless otherwise noted.
HIGH PASS FILTER
STOP BAND CHARACTERISTICS
Normalized Frequency (f
S/1000)
5
−20
−40
−60
−80
−100
0.1
0.2
0.3
0.4
0
HIGH PASS FILTER
PASSBAND CHARACTERISTICS
0.02
0
−0.02
−0.04
−0.06
−0.08
−0.1
Normalized Frequency (f
S/1000)
0
0.5
11.522.5
3
3.5
4
FFT PLOT
(f
S =48kHz, fIN = 997Hz at − 20dB)
Frequency (Hz)
0
−20
−40
−60
−80
−100
−120
−140
−160
−180
1k
100
20
10k
20k
FFT PLOT
(f
S =48kHz, fIN = 997Hz at − 60dB)
Frequency (Hz)
0
−20
−40
−60
−80
−100
−120
−140
−160
−180
1k
100
20
10k
20k
FFT PLOT
(f
S = 48kHz, No Input [Idle])
Frequency (Hz)
0
−20
−40
−60
−80
−100
−120
−140
−160
−180
1k
100
20
10k
20k
FFT PLOT
(f
S =96kHz,fIN = 997Hz at −20dB)
Frequency (Hz)
0
−20
−40
−60
−80
−100
−120
−140
−160
−180
1k
100
20
10k
40k



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com