Electronic Components Datasheet Search
  English  ▼

X  

ADRF5051 Datasheet(PDF) 4 Page - Analog Devices

Part # ADRF5051
Description  Silicon SP4T Switch, Nonreflective, 9kHz to 20GHz
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF5051 Datasheet(HTML) 4 Page - Analog Devices

  ADRF5051 Datasheet HTML 1Page - Analog Devices ADRF5051 Datasheet HTML 2Page - Analog Devices ADRF5051 Datasheet HTML 3Page - Analog Devices ADRF5051 Datasheet HTML 4Page - Analog Devices ADRF5051 Datasheet HTML 5Page - Analog Devices ADRF5051 Datasheet HTML 6Page - Analog Devices ADRF5051 Datasheet HTML 7Page - Analog Devices ADRF5051 Datasheet HTML 8Page - Analog Devices ADRF5051 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
Data Sheet
ADRF5051
SPECIFICATIONS
analog.com
Rev. A | 4 of 18
Table 1. Specifications (Continued)
Parameter
Symbol
Test Conditions/Comments
Min
Typ
Max
Unit
RECOMMENDED OPERATING CONDITONS
Supply Voltage
Positive
VDD
3.15
3.45
V
Negative
VSS
−3.45
−3.15
V
Digital Control Voltage
VCTRL
0
VDD
V
RF Power Handling2
f = 1MHz to 20GHz, TCASE = 85°C3
Through Path
RF signal is applied to RFC or through connected
RF throw port (selected RFx)
33
dBm
Terminated Path
RF signal is applied to any unselected RF throw
port (unselected RFx)
18
dBm
Hot Switching (RFC)
RF signal is applied to RFC while switching
between RFx ports
30
dBm
Hot Switching (RFx)
RF signal is applied to a RFx port while switching to
or from another RFx port
18
dBm
Case Temperature
TCASE
−40
+105
°C
1 For input linearity performance over frequency, see Figure 23 to Figure 26.
2 For RF power handling derating over the extended frequency range, see Figure 2.
3 For TCASE = 105°C operation, the RF power handling derates from the TCASE = 85°C specification by 3dB.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com