Electronic Components Datasheet Search
  English  ▼

X  

ADRF5051 Datasheet(PDF) 1 Page - Analog Devices

Part # ADRF5051
Description  Silicon SP4T Switch, Nonreflective, 9kHz to 20GHz
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF5051 Datasheet(HTML) 1 Page - Analog Devices

  ADRF5051 Datasheet HTML 1Page - Analog Devices ADRF5051 Datasheet HTML 2Page - Analog Devices ADRF5051 Datasheet HTML 3Page - Analog Devices ADRF5051 Datasheet HTML 4Page - Analog Devices ADRF5051 Datasheet HTML 5Page - Analog Devices ADRF5051 Datasheet HTML 6Page - Analog Devices ADRF5051 Datasheet HTML 7Page - Analog Devices ADRF5051 Datasheet HTML 8Page - Analog Devices ADRF5051 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
Data Sheet
ADRF5051
Silicon SP4T Switch, Nonreflective, 9kHz to 20GHz
Rev. A
DOCUMENT FEEDBACK
TECHNICAL SUPPORT
Information furnished by Analog Devices is believed to be accurate and reliable "as is". However, no responsibility is assumed by Analog Devices
for its use, nor for any infringements of patents or other rights of third parties that may result from its use. Specifications subject to change
without notice. No license is granted by implication or otherwise under any patent or patent rights of Analog Devices. Trademarks and registered
trademarks are the property of their respective owners. All Analog Devices products contained herein are subject to release and availability.
FEATURES
►
Wideband frequency range: 9kHz to 20GHz
►
Nonreflective design with on-chip 50Ω terminations
►
Low insertion loss
►
0.7dB typical to 6GHz
►
0.9dB typical to 12GHz
►
1.2dB typical to 20GHz
►
High isolation
►
53dB typical to 6GHz
►
49dB typical to 12GHz
►
47dB typical to 20GHz
►
High linearity
►
Input P0.1dB: 34dBm typical
►
Input IP3: 55dBm typical
►
High RF power handling
►
Through path: 33dBm up to 20 GHz
►
Terminated path: 18dBm up to 20 GHz
►
Switching on and off time: 8.5μs
►
0.1dB settling time: 15μs
►
All off-state control
►
Logic select control
►
Single-supply operation with derated power handling
►
No low frequency spurs, and no internal voltage generation
►
24-terminal, 3mm × 3mm, land grid array (LGA) package
►
Pin compatible with the ADRF5042, ADRF5043, ADRF5048,
ADRF5049, and ADRF5050
APPLICATIONS
►
Test instrumentation
►
Military radios, radars, and electronic counter measures (ECMs)
►
Microwave radios and very small aperture terminals (VSATs)
FUNCTIONAL BLOCK DIAGRAM
Figure 1. Functional Block Diagram
GENERAL DESCRIPTION
The ADRF5051 is a nonreflective SP4T switch manufactured in a
silicon on insulator (SOI) process.
The ADRF5051 operates from 9kHz to 20GHz with an insertion
loss of lower than 1.20dB and an isolation higher than 47dB. The
device has RF input power handling capability of 33dBm through
path, 18dBm terminated path, and 30dBm hot switching at the RF
common (RFC) port.
The ADRF5051 operates with a dual-supply voltage +3.3V and
−3.3V. The device can also operate with a single positive supply
voltage (VDD) applied while the negative supply pin (VSS) is tied to
ground. In this operating condition, the small signal performance is
maintained while the switching characteristics, linearity, and power
handling performance are derated, see Table 2.
The ADRF5051 employs complimentary metal-oxide semiconductor
(CMOS)- and low voltage transistor to transistor logic (LVTTL)-com-
patible controls.
The device has enable (EN) and logic select (LS) controls. Pulling
the EN pin to high activates an all-off state while pulling the LS pin
high inverts the throw port selection logic, allowing ease of use for
a back-to-back application. See the Theory of Operation section,
Table 7, and the Back-to-Back Application section for additional
information.
The ADRF5051 is pin compatible with the ADRF5042, ADRF5043,
ADRF5048, ADRF5049, and ADRF5050.
The ADRF5051 comes in a 24-terminal, 3mm × 3mm, RoHS com-
pliant, land grid array (LGA) package and can operate from −40°C
to +105°C.


Similar Part No. - ADRF5051

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADRF5050 AD-ADRF5050 Datasheet
1Mb / 14P
Nonreflective, Silicon SP4T Switch, 100 MHz to 20 GHz
Rev. 0
ADRF5050-EVALZ AD-ADRF5050-EVALZ Datasheet
1Mb / 14P
Nonreflective, Silicon SP4T Switch, 100 MHz to 20 GHz
Rev. 0
ADRF5050BCCZN AD-ADRF5050BCCZN Datasheet
1Mb / 14P
Nonreflective, Silicon SP4T Switch, 100 MHz to 20 GHz
Rev. 0
ADRF5050BCCZN-R7 AD-ADRF5050BCCZN-R7 Datasheet
1Mb / 14P
Nonreflective, Silicon SP4T Switch, 100 MHz to 20 GHz
Rev. 0
ADRF5054 AD-ADRF5054 Datasheet
1Mb / 13P
1 GHz to 60 GHz, Reflective, Silicon SP4T Switch
Rev. 0
More results

Similar Description - ADRF5051

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
AS115-61 SKYWORKS-AS115-61_05 Datasheet
114Kb / 4P
GaAs IC SP4T Nonreflective Switch 300 kHz-2 GHz
logo
Analog Devices
HMC7992 AD-HMC7992 Datasheet
339Kb / 13P
Nonreflective, Silicon SP4T Switch, 0.1 GHz to 6.0 GHz
REV. 0
ADRF5027 AD-ADRF5027 Datasheet
357Kb / 13P
Silicon SPDT Switch, Nonreflective
7/2018-Revision 0
ADRF5042 AD-ADRF5042 Datasheet
562Kb / 12P
Nonreflective, 100 MHz to 44 GHz Silicon SP4T Switch
7/2020-Revision 0
ADRF5043 AD-ADRF5043 Datasheet
487Kb / 12P
Nonreflective, 9 kHz to 44 GHz Silicon SP4T Switch
7/2020-Revision 0
HMC241ALP3E AD-HMC241ALP3E Datasheet
223Kb / 11P
GaAs, Nonreflective, SP4T Switch 100 MHz to 4 GHz
8/2018-Rev. B to Rev. C
HMC641ALP4E AD-HMC641ALP4E Datasheet
518Kb / 11P
0.1 GHz to 20 GHz GaAs, Nonreflective, SP4T Switch
8/2018-Rev. A to Rev. B
ADRF5049 AD-ADRF5049 Datasheet
1Mb / 14P
Silicon SP4T Switch, Nonreflective, 9 kHz to 45 GHz
Rev. 0
ADRF5050 AD-ADRF5050 Datasheet
1Mb / 14P
Nonreflective, Silicon SP4T Switch, 100 MHz to 20 GHz
Rev. 0
ADRF5048 AD-ADRF5048 Datasheet
1Mb / 13P
Silicon SP4T Switch, Nonreflective, 100 MHz to 45 GHz
Rev. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com