Electronic Components Datasheet Search
  English  ▼

X  

ADRF5051 Datasheet(PDF) 3 Page - Analog Devices

Part # ADRF5051
Description  Silicon SP4T Switch, Nonreflective, 9kHz to 20GHz
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF5051 Datasheet(HTML) 3 Page - Analog Devices

  ADRF5051 Datasheet HTML 1Page - Analog Devices ADRF5051 Datasheet HTML 2Page - Analog Devices ADRF5051 Datasheet HTML 3Page - Analog Devices ADRF5051 Datasheet HTML 4Page - Analog Devices ADRF5051 Datasheet HTML 5Page - Analog Devices ADRF5051 Datasheet HTML 6Page - Analog Devices ADRF5051 Datasheet HTML 7Page - Analog Devices ADRF5051 Datasheet HTML 8Page - Analog Devices ADRF5051 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
Data Sheet
ADRF5051
SPECIFICATIONS
analog.com
Rev. A | 3 of 18
VDD = 3.3V, VSS = −3.3V, Control Input 1 voltage (V1) and Control Input 2 voltage (V2) = 0V or VDD, TCASE = 25°C, and a 50Ω system, unless
otherwise noted. VCTRL is the voltages of the digital control input pins, V1 and V2, and RFx refers to RF1, RF2, RF3, and RF4.
Table 1. Specifications
Parameter
Symbol
Test Conditions/Comments
Min
Typ
Max
Unit
FREQUENCY RANGE
f
0.009
20000
MHz
INSERTION LOSS
Between RFC and RFx (On)
9kHz to 6GHz
0.7
dB
6GHz to 12GHz
0.9
dB
12GHz to 20GHz
1.2
dB
ISOLATION
Between RFC and RFx (Off)
9kHz to 6GHz
55
dB
6GHz to 12GHz
54
dB
12GHz to 20GHz
48
dB
Between RFx and RFx
9kHz to 6GHz
53
dB
6GHz to 12GHz
49
dB
12GHz to 20GHz
47
dB
RETURN LOSS
RFC
9kHz to 6GHz
23
dB
6GHz to 12GHz
22
dB
12GHz to 20GHz
20
dB
RFx (On)
9kHz to 6GHz
23
dB
6GHz to 12GHz
22
dB
12GHz to 20GHz
22
dB
RFx (Off)
9kHz to 6GHz
20
dB
6GHz to 12GHz
16
dB
12GHz to 20GHz
13
dB
SWITCHING
Rise and Fall Time
tRISE, tFALL
10% to 90% of RF output (RFOUT)
3
μs
On and Off Time
tON, tOFF
50% VCTRL to 90% of RFOUT
8.5
μs
0.1dB Settling Time
50% VCTRL to 0.1dB of final RFOUT
15
μs
INPUT LINEARITY1
0.1dB Power Compression
P0.1dB
f = 1MHz to 20GHz
34
dBm
Third-Order Intercept
IP3
Two-tone input power = 15dBm each tone, f =
1MHz to 20GHz, Δf = 1MHz
55
dBm
Second-Order Intercept
IP2
Two-tone input power = 15dBm each tone, f =
10GHz, Δf = 1MHz
105
dBm
SUPPLY CURRENT
VDD and VSS pins
Positive Supply Current
IDD
160
µA
Negative Supply Current
ISS
540
µA
DIGITAL CONTROL INPUTS
V1, V2, EN, and LS pins
Voltage
Low
VINL
0
0.8
V
High
VINH
1.2
3.3
V
Current
Low
IINL
<1
µA
High
IINH
V1 and V2 pins
2.8
µA
EN pin
40
µA
LS pin
37
μA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com