Electronic Components Datasheet Search
  English  ▼

X  

LNK6664E/K/V Datasheet(PDF) 16 Page - Power Integrations, Inc.

Part # LNK6664E/K/V
Description  Energy Efficient, High-Power Off-Line Switcher with Accurate Primary-Side Regulation (PSR)
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

LNK6664E/K/V Datasheet(HTML) 16 Page - Power Integrations, Inc.

Back Button LNK6664E/K/V Datasheet HTML 12Page - Power Integrations, Inc. LNK6664E/K/V Datasheet HTML 13Page - Power Integrations, Inc. LNK6664E/K/V Datasheet HTML 14Page - Power Integrations, Inc. LNK6664E/K/V Datasheet HTML 15Page - Power Integrations, Inc. LNK6664E/K/V Datasheet HTML 16Page - Power Integrations, Inc. LNK6664E/K/V Datasheet HTML 17Page - Power Integrations, Inc. LNK6664E/K/V Datasheet HTML 18Page - Power Integrations, Inc. LNK6664E/K/V Datasheet HTML 19Page - Power Integrations, Inc. LNK6664E/K/V Datasheet HTML 20Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 24 page
background image
Rev. E 06/15
16
LinkSwitch-HP
www.power.com
Parameter
Symbol
Conditions
SOURCE = 0 V; T
J = -40 to 125 °C
(Unless Otherwise Specified)
Min
Typ
Max
Units
Circuit Protection (cont.)
Minimum Switch
ON-Time
T
ON(MIN)
t
LEB(MAX) + tILD(MAX)
T
J = +25 °C
325
400
500
ns
Output
ON-State Resistance
R
DS(ON)
LNK6xx3
I
D = 100 mA
T
J = +25 °C
6.9
7.97
W
T
J = +100 °C
10.5
12.08
LNK6xx4
I
D = 150 mA
T
J = +25 °C
4.6
5.30
T
J = +100 °C
7.0
8.09
LNK6xx5
I
D = 200 mA
T
J = +25 °C
3.5
4.03
T
J = +100 °C
5.4
6.21
LNK6xx6
I
D = 300 mA
T
J = +25 °C
2.3
2.65
T
J = +100 °C
3.6
4.14
LNK6xx7
I
D = 400 mA
T
J = +25 °C
1.8
2.07
T
J = +100 °C
2.7
3.11
LNK6xx8
I
D = 500 mA
T
J = +25 °C
1.5
1.95
T
J = +100 °C
2.3
2.90
LNK6xx9
I
D = 600 mA
T
J = +25 °C
1.3
1.70
T
J = +100 °C
2.0
2.60
OFF-State Drain
Leakage Current
I
DSS
V
PD =
Floating
V
DS = 560 V, TJ = 125 °C
470
mA
V
DS = 325 V, TJ = 100 °C
10
Breakdown Voltage
BV
DSS
LNK677x, V
PD = Floating,
T
J = +25 °C
725
V
LNK666x/LNK676x, V
PD = Floating,
T
J = +25 °C
650
DRAIN Supply Voltage
50
V
Rise Time
t
R
Measured in a typical flyback
Converter application
100
ns
Fall Time
T
F
50
NOTES:
A. Parameter not tested over specified temperature range. Guaranteed by design and characterization.
B. Average device switching frequency below 1 kHz.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com