Electronic Components Datasheet Search
  English  ▼

X  

LNK6664E/K/V Datasheet(PDF) 18 Page - Power Integrations, Inc.

Part # LNK6664E/K/V
Description  Energy Efficient, High-Power Off-Line Switcher with Accurate Primary-Side Regulation (PSR)
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

LNK6664E/K/V Datasheet(HTML) 18 Page - Power Integrations, Inc.

Back Button LNK6664E/K/V Datasheet HTML 14Page - Power Integrations, Inc. LNK6664E/K/V Datasheet HTML 15Page - Power Integrations, Inc. LNK6664E/K/V Datasheet HTML 16Page - Power Integrations, Inc. LNK6664E/K/V Datasheet HTML 17Page - Power Integrations, Inc. LNK6664E/K/V Datasheet HTML 18Page - Power Integrations, Inc. LNK6664E/K/V Datasheet HTML 19Page - Power Integrations, Inc. LNK6664E/K/V Datasheet HTML 20Page - Power Integrations, Inc. LNK6664E/K/V Datasheet HTML 21Page - Power Integrations, Inc. LNK6664E/K/V Datasheet HTML 22Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 24 page
background image
Rev. E 06/15
18
LinkSwitch-HP
www.power.com
Typical Performance Characteristics
Figure 17. Standard Current Limit vs. Temperature.
Figure 18. Output Characteristic.
Figure 19. COSS vs. Drain Voltage.
Figure 20. Drain Capacitance Power.
Drain Voltage (V)
0
100
200
300
400
500
600
1
10
100
1000
LNK6xx3 1.0
LNK6xx4 1.5
LNK6xx5 2.0
LNK6xx6 3.0
LNK6xx7 4.0
LNK6xx8 4.7
LNK6xx9 5.4
Scaling Factors:
Drain Voltage (V)
0
100
200
300
400
500
600
0
40
80
120
160
LNK6xx3 1.0
LNK6xx4 1.5
LNK6xx5 2.0
LNK6xx6 3.0
LNK6xx7 4.0
LNK6xx8 4.7
LNK6xx9 5.4
Scaling Factors:
DRAIN Voltage (V)
1200
1000
800
400
200
600
0
0
2
4
6
8
10
TCASE=25 °C
TCASE=100 °C
LNK6xx3 1.0
LNK6xx4 1.5
LNK6xx5 2.0
LNK6xx6 3.0
LNK6xx7 4.0
LNK6xx8 4.7
LNK6xx9 5.4
Scaling Factors:
Temperature (C)
1.05
1.00
95
90
85
80
-40
0
-20
20 40 60 80 100 120
Figure 16. Breakdown vs. Temperature.
1.1
1.0
0.9
-50 -25
0
25 50 75 100 125 150
Junction Temperature (°C)
1.2
1.0
0.8
0.6
0.4
0.2
0
-50 -25
0
25
50 75 100 125 150
Junction Temperature (
°C)
Figure 21. Frequency vs. Temperature.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com