Electronic Components Datasheet Search
  English  ▼

X  

MP6005GK Datasheet(PDF) 21 Page - Monolithic Power Systems

Part # MP6005GK
Description  High-Efficiency Flyback/Forward Controller with Primary and Secondary-Side Regulation
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP6005GK Datasheet(HTML) 21 Page - Monolithic Power Systems

Back Button MP6005GK Datasheet HTML 17Page - Monolithic Power Systems MP6005GK Datasheet HTML 18Page - Monolithic Power Systems MP6005GK Datasheet HTML 19Page - Monolithic Power Systems MP6005GK Datasheet HTML 20Page - Monolithic Power Systems MP6005GK Datasheet HTML 21Page - Monolithic Power Systems MP6005GK Datasheet HTML 22Page - Monolithic Power Systems MP6005GK Datasheet HTML 23Page - Monolithic Power Systems MP6005GK Datasheet HTML 24Page - Monolithic Power Systems MP6005GK Datasheet HTML 25Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 30 page
background image
MP6005
– WIDE-INPUT, HIGH-EFFICIENCY FLYBACK AND FORWARD CONTROLLER
MP6005 Rev. 1.0
www.MonolithicPower.com
21
2/5/2021
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2021 MPS. All Rights Reserved.
GND
VCC
NA
RVCC DVCC
CVCC
Figure 8: Flyback VCC from NA Winding
The auxiliary winding supply voltage can be
calculated with Equation (5):
DVCCF
DOF
OUT
S
A
CC
V
-
)
V
+
(V
x
N
N
=
V
(5)
Where VDVCCF is the DVCC diode voltage drop
from the auxiliary winding.
In forward mode, it is recommended to have the
VCC capacitor be less than 4.7µF. VCC can
also be powered by the auxiliary winding
transformer. Figure 9 shows VCC from the NA
winding in forward mode.
GND
VCC
NA
DVCC
CVCC
LVCC
Figure 9: Forward VCC from NA Winding
The auxiliary winding supply voltage can be
calculated with Equation (6):
OUT
S
A
CC
x V
N
N
=
V
(6)
VCC should be less than 16V.
Setting Output Voltage (VOUT) Compensation
and Frequency Dithering
The SENSE pin sets the output voltage (VOUT)
compensation and frequency dithering functions.
After turning on, the MP6005 outputs a 100µA
current to the SENSE pin to detect the SENSE
resistance.
Based
on
the
resistance,
the
MP6005 determines the compensation and
frequency dithering type. See Table 2 on page
17 for SENSE programming options.
The VOUT compensation function only works in
PSR mode.
Setting the Current-Sense (CS) Resistor
The external MOSFET current is sensed by a
sensing resistor. If VSENSE exceeds the current-
limit threshold (typically 160mV), the MP6005
turns off the GATE output for the cycle.
To avoid exceeding the current limit, the voltage
across the sense resistor (RSENSE) should be
less than 80% of the current limit voltage
(160mV).
RSENSE
can
be
estimated
with
Equation (7):
PEAK
mV
SENSE
I
160
x
0.8
=
R
(7)
Where IPEAK is the primary-side peak current.
Selecting a Power MOSFET
The MP6005 drives a wide variety of N-channel
MOSFETs. The critical parameters of selecting
a MOSFET are the maximum drain-to-source
voltage (VDS(MAX)), maximum current (ID(MAX)), on
resistance (RDS(ON)), total gate charge (QG), and
turn-on threshold (VTH).
In flyback mode, the off-state voltage can be
calculated with Equation (8):
MOSFET
IN
OUT
V
= V +N V
(8)
To avoid a voltage spike when the power
MOSFET turns off, VDS(MAX) should exceed 1.5
times the VMOSFET.
In forward mode, the off-state voltage across
the MOSFET can be calculated with Equation
(9):
IN
N
I
MOSFET
V
+
D
-
1
x V
D
=
V
(9)
Where D is the duty cycle with a 70% maximum
duty cycle limit.
The maximum current through the power
MOSFET occurs once VIN is at its minimum and
the output power is at its maximum. The current
rating should exceed 1.5 times IRMS.
The MOSFET
’s on resistance determines the
conduction loss. To reduce conduction loss, the
on resistance should be as low as possible. QG
is important for MOSFET selection since it
determines the commutation time. A high QG



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com