Electronic Components Datasheet Search
  English  ▼

X  

MP6005GK Datasheet(PDF) 26 Page - Monolithic Power Systems

Part # MP6005GK
Description  High-Efficiency Flyback/Forward Controller with Primary and Secondary-Side Regulation
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP6005GK Datasheet(HTML) 26 Page - Monolithic Power Systems

Back Button MP6005GK Datasheet HTML 22Page - Monolithic Power Systems MP6005GK Datasheet HTML 23Page - Monolithic Power Systems MP6005GK Datasheet HTML 24Page - Monolithic Power Systems MP6005GK Datasheet HTML 25Page - Monolithic Power Systems MP6005GK Datasheet HTML 26Page - Monolithic Power Systems MP6005GK Datasheet HTML 27Page - Monolithic Power Systems MP6005GK Datasheet HTML 28Page - Monolithic Power Systems MP6005GK Datasheet HTML 29Page - Monolithic Power Systems MP6005GK Datasheet HTML 30Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 26 / 30 page
background image
MP6005
– WIDE-INPUT, HIGH-EFFICIENCY FLYBACK AND FORWARD CONTROLLER
MP6005 Rev. 1.0
www.MonolithicPower.com
26
2/5/2021
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2021 MPS. All Rights Reserved.
PCB Layout Guidelines
Efficient layout is critical for stable operation.
Poor layout may result in reduced performance,
excessive EMI, resistive loss, and system
instability. For the best results, see Figure 12,
Figure 13, and Figure 14, and follow the
guidelines below:
For Flyback Applications:
1. For minimal noise and ringing, keep the
input loop as short as possible between the
input
capacitor,
transformer,
MOSFET,
sense resistor, and GND plane.
2. Keep the output loop between the rectifier
diode, output capacitor, and transformer as
short as possible.
3. Make the clamp loop circuit between D2, C5,
and the transformer as small as possible.
4. For the best decoupling, place the VCC
capacitor as close to the VCC pin as
possible.
5. Place the feedback trace far away from any
noise sources, such as the SW pin.
6. Place the COMP components as close to
the COMP pin as possible.
7. Use
a
single-point
connector
between
power GND and signal GND.
4
3
2
1
Q1
D2
T1
R3
C1
C3
U1
R5
C5
R2 R1
R4
C4
D1
C2
VIN
GND
VOUT
VOUT
GND
Via
Top Layer
Bottom Layer
Figure 12: Recommended PCB Layout for
Flyback Application (14)
Note:
14) The recommended PCB layout for flyback applications is
based on the flyback schematic on page 1.
For Forward Applications:
1. For minimal noise and ringing, keep the
input loop between the input capacitor,
transformer (Q1), and sense resistor as
short as possible.
2. Additionally, for minimal noise and ringing,
make the output high-frequency current loop
between D1 and D2 transformers as short
as possible.
3. For the best decoupling, place the VCC
capacitor close to the VCC pin.
4. Place the VCOMP trace far away from any
noise sources, such as SW.
5. Use a single-point connection between
power GND and signal GND.
For more detailed information, refer to the
corresponding evaluation board datasheet.
D2
D1
C2
L1
C5
R5
R1
R2
R4
U3
T1
U2
U1
C6
R6
Q1
C3
R3
C1
Q2
C4
VOUT
VOUT GND
VIN
VIN
GND
Via
Top Layer
Bottom Layer
D3
Figure 13: Recommended PCB Layout for
Forward Application
Figure 14 shows a typical forward layout
schematic.
VIN
GATE
GND
VOUT
C2
C1
VIN
EN
VCC
SENSE
FB
COMP
Q1
R3
U1
C3
MODE
SYNC
Q2
R6
D3
Sync
Gate
Sync
Gate
C5
R5
Q2
R1
R2
R4
TL431
U2A
U2B
C4
C6
D1
D2
T1
Figure 14: Typical Forward Application Layout
Schematic



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com