Electronic Components Datasheet Search
  English  ▼

X  

MP6005GK Datasheet(PDF) 9 Page - Monolithic Power Systems

Part # MP6005GK
Description  High-Efficiency Flyback/Forward Controller with Primary and Secondary-Side Regulation
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP6005GK Datasheet(HTML) 9 Page - Monolithic Power Systems

Back Button MP6005GK Datasheet HTML 5Page - Monolithic Power Systems MP6005GK Datasheet HTML 6Page - Monolithic Power Systems MP6005GK Datasheet HTML 7Page - Monolithic Power Systems MP6005GK Datasheet HTML 8Page - Monolithic Power Systems MP6005GK Datasheet HTML 9Page - Monolithic Power Systems MP6005GK Datasheet HTML 10Page - Monolithic Power Systems MP6005GK Datasheet HTML 11Page - Monolithic Power Systems MP6005GK Datasheet HTML 12Page - Monolithic Power Systems MP6005GK Datasheet HTML 13Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 30 page
background image
MP6005
– WIDE-INPUT, HIGH-EFFICIENCY FLYBACK AND FORWARD CONTROLLER
MP6005 Rev. 1.0
www.MonolithicPower.com
9
2/5/2021
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2021 MPS. All Rights Reserved.
TYPICAL PERFORMANCE CHARACTERISTICS (continued)
VIN = 48V, VEN = 5V, VOUT = 12V, IOUT = 2.5A, TA = 25°C, unless otherwise noted.
Efficiency
PSR flyback, VOUT = 12V
Efficiency
SSR forward, VOUT = 5V
50
55
60
65
70
75
80
85
90
95
0
0.5
1
1.5
2
2.5
3
LOAD CURRENT (A)
Vin=36V
Vin=48V
Vin=57V
50
55
60
65
70
75
80
85
90
95
0
1
2
3
4
5
6
LOAD CURRENT (A)
Vin=36V
Vin=48V
Vin=57V
Load Regulation
PSR flyback, VOUT = 12V, RFBH = 100
kΩ,
RSENSE-GND = 6.8
kΩ
Load Regulation
PSR flyback, VIN = 48V, VOUT = 12V,
RFBH = 100
kΩ
-3
-2
-1
0
1
2
3
0
1
2
3
LOAD CURRENT (A)
Vin=36V
Vin=48V
Vin=57V
-4
-3
-2
-1
0
1
2
3
4
0
0.5
1
1.5
2
2.5
LOAD CURRENT (A)
RSENSE-GND=0
RSENSE-GND=3.3K
RSENSE-GND=6.8K
RSENSE-GND=12.7K
Load Regulation
SSR forward, VOUT = 5V
Line Regulation
PSR flyback, VOUT = 12V, RFBH = 100
kΩ,
RSENSE-GND = 6.8
kΩ
-0.3
-0.2
-0.1
0
0.1
0.2
0.3
0
2
4
6
LOAD CURRENT (A)
Vin=36V
Vin=48V
Vin=57V
-3
-2
-1
0
1
2
3
30
40
50
60
INPUT VOLTAGE (V)
Iout=1A
Iout=2.1A
Iout=2.5A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com