Electronic Components Datasheet Search
  English  ▼

X  

AC-PM Datasheet(PDF) 48 Page - Metcal

Part # AC-PM
Description  Soldering Tools and Equipment for Electronics Assembly
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  METCAL [Metcal]
Direct Link  https://www.metcal.com/
Logo METCAL - Metcal

AC-PM Datasheet(HTML) 48 Page - Metcal

Back Button AC-PM Datasheet HTML 44Page - Metcal AC-PM Datasheet HTML 45Page - Metcal AC-PM Datasheet HTML 46Page - Metcal AC-PM Datasheet HTML 47Page - Metcal AC-PM Datasheet HTML 48Page - Metcal AC-PM Datasheet HTML 49Page - Metcal AC-PM Datasheet HTML 50Page - Metcal AC-PM Datasheet HTML 51Page - Metcal AC-PM Datasheet HTML 52Page - Metcal Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 64 page
background image
45
BVX-100 Series
BVX-101
Bench-Top,singleuserarm/plenumsystem,
Pre-HEPA-Gas,100-240VAC
BVX-103
Bench-Top,singleuserarm/plenumsystem,
Pre-Gas,100-240VAC
BVX-101-S
Bench-Top,singleuserplenumsystemwithoutarm,
Pre-HEPA-Gas,100-240VAC
BVX-103-S
Bench-Top,singleuserplenumsystemwithoutarm,
Pre-Gas,100-240VAC
FILTERS
FG-BVX
DeepBedGasFilter
FM-BVX
MainFilter(CombinedHEPA/Gas)
FP-BVX
Pre-Filter(Packof5)
ACCESSORIES
BVX-ADT
ReplacementArm-To-PlenumAdaptor
BVX-IADT
InvertedArmAdaptor,ESDSafe
BVX-BCK
UnderBenchMountingBracket
BVX-200 Series
BVX-201 KIT
Filterunitwith2flexiblearms,1.2mlong,Pre-HEPA-Gas
BVX-201
Filterunitfor2stations,Pre-HEPA-Gas
BVX-203
Filterunitfor2stations,Pre-DeepBedGas
FILTERS
FP-BVX200
Pre-Filter(Packof5)
FM-BVX200
MainFilterHEPACarbon
FG-BVX200
DeepBedGasFilter
ACCESSORIES
BVX-ARM-K1
1BVXarm710mm(28")longwith1.8m(6')longhoseandtablebracket
withC-clamps
BVX-ARM
ArmflexibleESDsafe,710mm(28")long
BVX-TB01
Tablebracketwith2C-clamps
BVX-CH01
Connectionhose,50mm(2")diameter,1.8m(6')long
BVX-CH02
Connectionhose,50mm(2")diameter,3.6m(12')long
Technical Specifications
BVX-100 Series
BVX-200 Series
StaticPressure(suctionforce)
1250Pa(5"WC)
850Pa(3.5"WC)
FanCapacity
110m3/h(65cfm)
250m3/h(150cfm)
FlowRate(withfilter)
85m3/h(50cfm)
2x75m3/h(45cfm)
AirInlets/NumberofStations
1
2
HEPAEfficiency
99.97%at0.3micron
99.97%at0.3micron
NoiseLevel
<55dbA
<55dbA
Dimensions(WxDxH)
300mmx230mmx290mm(11.8"x9.1"x11.4")
508mmx254mmx388mm(20"x10"x15.3")
Weight
9kg(20lbs)
9kg(20lbs)
Voltage
100-240VAC
100-240VAC
Frequency
50-60Hz
50-60Hz
Power
85watt
85watt
Certification
UL,CSA,CE
UL,CSA,CE
Max.DuctRun
N/A
3.6meters



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com