Electronic Components Datasheet Search
  English  ▼

X  

AC-PM Datasheet(PDF) 63 Page - Metcal

Part # AC-PM
Description  Soldering Tools and Equipment for Electronics Assembly
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  METCAL [Metcal]
Direct Link  https://www.metcal.com/
Logo METCAL - Metcal

AC-PM Datasheet(HTML) 63 Page - Metcal

Back Button AC-PM Datasheet HTML 56Page - Metcal AC-PM Datasheet HTML 57Page - Metcal AC-PM Datasheet HTML 58Page - Metcal AC-PM Datasheet HTML 59Page - Metcal AC-PM Datasheet HTML 60Page - Metcal AC-PM Datasheet HTML 61Page - Metcal AC-PM Datasheet HTML 62Page - Metcal AC-PM Datasheet HTML 63Page - Metcal AC-PM Datasheet HTML 64Page - Metcal  
Zoom Inzoom in Zoom Outzoom out
 63 / 64 page
background image
01
924-DFV
60
Receiver Head Assembly
ReceiverHeadAssembliesaretheconnectinglinkbetweentime/pressure
controllersandSyringeassemblies.TheseAssembliesprovideasafe
connectionforaccidentproofdispensing.Availablewith3or6feetoftubing.
ConsistsofreceiverheadwithO-ring,tubingandmalequickconnector.
ReceiverheadsaremadeofDelrin.Soldindividually.
Size
3' Hose
6' Hose
3cc
903-3RHB
903-6RHB
5cc
905-3RHB
905-6RHB
10cc
910-3RHB
910-6RHB
30/55cc
93055-3RHB
93055-6RHB
Manual Syringe Gun
Lightweightbarrelapplicatorgunprovidesexcellentcontrolformedium/high
viscosityproducts.Easytouse.Nodrippingormess.
Size
Manual Syringe Gun
5cc
905-MSG
10cc
910-MSG
30cc
930-MSG
55cc
955-MSG
Foot Valve Dispensers
The924-DFVand924-DFV-VACdispensersofferthebestofbothworlds:
increasedproductioncombinedwithdispensereconomy.Floormounted,they
havebuiltinpressureregulator,pressuregaugeandauniquefast-dump,
three-wayairvalve.Outputrateandshotsizeareoperatorcontrolled.
Specifications
Size:
8"x5"x5"(20.3cmx12.7cmx12.7cm)
InputPressure:
100psimaximum(6.9bar)
OperatingPressure: 0to100psimaximum(0to6.9bar)
924-DFV
DispenserFootValve
924V-DFV-VAC
DispenserFootValvewithVacuum
Vacuum Pencil
Useforpickandplacefunction.Stand-alonevacuumpick-uprequiresshop
air.OptionalMixedKitofVacuumCupsalsoavailable.
TS-8120
VacuumPickUpAssembly
Syringe Holder
Usefor900Systemsyringes.
SH-300
SyringeHolder
Finger Switch Assembly
UseforFingerSwitchwithOKInternational'sdispensersandsyringesinplace
ofafootpedal.Providescontrolatyourfingertip.
DX9010
FingerSwitchAssemblyforDXSeriesDispenser



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com