Electronic Components Datasheet Search
  English  ▼

X  

AC-PM Datasheet(PDF) 55 Page - Metcal

Part # AC-PM
Description  Soldering Tools and Equipment for Electronics Assembly
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  METCAL [Metcal]
Direct Link  https://www.metcal.com/
Logo METCAL - Metcal

AC-PM Datasheet(HTML) 55 Page - Metcal

Back Button AC-PM Datasheet HTML 51Page - Metcal AC-PM Datasheet HTML 52Page - Metcal AC-PM Datasheet HTML 53Page - Metcal AC-PM Datasheet HTML 54Page - Metcal AC-PM Datasheet HTML 55Page - Metcal AC-PM Datasheet HTML 56Page - Metcal AC-PM Datasheet HTML 57Page - Metcal AC-PM Datasheet HTML 58Page - Metcal AC-PM Datasheet HTML 59Page - Metcal Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 64 page
background image
01
52
B
A
Features for BVX Arms
•75m3/h(45cfm)airflowrating
•50mm(2")ductingwith40mm(1.75")nozzle
•710mm(28")long
Connection Hoses for Omniflex and BVX Arms
A CH0251
ConnectionHose2.5mxØ63mm(8"x2.5")withclamps
A CH0252
ConnectionHose3.5mxØ63mm(12"x2.5")withclamps
A CH0253
ConnectionHose7.5mxØ63mm(25"x2.5")withclamps
B AC2025
Y-PieceforØ63mm(2.5")hosewithclamps
EC1800 Exhaust Cabinet
Volatilevaporsandgaseswithhightoxiclevels
oftenrequiretheuseofexhaustcabinetsto
protecttheuser.
TheEC1800isanidealbenchcabinetforsuch
applications.Ahingedandclearviewingpanel
maintainsexcellentvisibilitywhileatthesame
timereducingtheairflowdemandonthecabinet.
Features
•DimensionsWxDxH
760x510x560mm(30"x20"x22")
•ConnectionFlangeØ100mm(4")
Part Numbers
EC1800
ExhaustCabinetwithClearViewingPanel
CH0047
Connectionhose2.5m(8')LongØ100mm
(4")withClamps
Part Numbers for BVX Arms
BVX-ARM-K2
BVXArmESDwithNozzle,Mounting
PlateandC-Clamps
ForindividualComponentsRefertoBVXSection



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com