Electronic Components Datasheet Search
  English  ▼

X  

SN65LBC173AMDREP.A Datasheet(PDF) 5 Page - Texas Instruments

Part # SN65LBC173AMDREP.A
Description  SN65LBC173A-EP Quadruple RS-485 Differential Line Receiver
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

SN65LBC173AMDREP.A Datasheet(HTML) 5 Page - Texas Instruments

  SN65LBC173AMDREP.A Datasheet HTML 1Page - Texas Instruments SN65LBC173AMDREP.A Datasheet HTML 2Page - Texas Instruments SN65LBC173AMDREP.A Datasheet HTML 3Page - Texas Instruments SN65LBC173AMDREP.A Datasheet HTML 4Page - Texas Instruments SN65LBC173AMDREP.A Datasheet HTML 5Page - Texas Instruments SN65LBC173AMDREP.A Datasheet HTML 6Page - Texas Instruments SN65LBC173AMDREP.A Datasheet HTML 7Page - Texas Instruments SN65LBC173AMDREP.A Datasheet HTML 8Page - Texas Instruments SN65LBC173AMDREP.A Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
5
SN65LBC173A-EP
www.ti.com
SLLSEH1 – NOVEMBER 2016
Product Folder Links: SN65LBC173A-EP
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
(1)
All typical values are at VCC = 5 V and 25°C.
6.5 Electrical Characteristics
over recommended operating conditions
PARAMETER
TEST CONDITIONS
MIN
TYP(1)
MAX UNIT
VIT+
Positive-going differential input voltage threshold
–7 V
≤ VCM ≤ 12 V (VCM = (VA + VB ) / 2)
–80
–10
mV
VIT-
Negative-going differential input voltage threshold
–200
–120
mV
VHYS Hysteresis voltage (VIT+ – VIT−)
40
mV
VIK
Input clamp voltage
II = –18 mA
–1.5
–0.8
V
VOH
High-level output voltage
VID = 200 mV,
IOH = –8 mA
See Figure 6
2.7
4.8
V
VOL
Low-level output voltage
VID = –200 mV,
IOL = 8 mA
0.2
0.4
V
IOZ
High-impedance-state output current
VO = 0 V to VCC
–1
1
µA
II
Line input current
Other input at 0 V,
VCC = 0 V or 5 V
VI = 12 V
0.9
mA
VI = –7 V
–0.7
IIH
High-level input current
Enable inputs G, G
110
µA
IIL
Low-level input current
–100
µA
RI
Input resistance
A, B inputs
12
kΩ
ICC
Supply current
VID = 5 V
G at 0 V, G at
VCC
32
µA
No load
G at VCC, G at 0
V
11
16
mA
(1)
Output skew (tsk(o)) is the magnitude of the time delay difference between the outputs of a single device with all of the inputs connected
together.
(2)
Part-to-part skew (tsk(pp)) is the magnitude of the difference in propagation delay times between any specified terminals of two devices
when both devices operate with the same input signals, the same supply voltages, at the same temperature, and have identical
packages and test circuits.
6.6 Switching Characteristics
over recommended operating conditions
PARAMETER
TEST CONDITIONS
MIN
TYP MAX
UNIT
tr
Differential output voltage rise time
VID = –3 V to 3 V,
See Figure 7
2
7
ns
tf
Differential output voltage fall time
2
7
ns
tPLH
Propagation delay time, low-to-high level output
8
12
18
ns
tPHL
Propagation delay time, high-to-low level output
8
12
18
ns
tPZH
Propagation delay time, high-impedance-to-high-level output
See Figure 8
27
39
ns
tPHZ
Propagation delay time, high-level-output-to-high impedance
7
24
ns
tPZL
Propagation delay time, high-impedance-to-low-level output
See Figure 9
29
39
ns
tPLZ
Propagation delay time, low-level-output-to-high impedance
12
18
ns
tsk(p)
Pulse skew (|tPLH – tPHL|)
0.2
2
ns
tsk(o)
Output skew(1)
3
ns
tsk(pp)
Part-to-part skew(2)
3
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com