Electronic Components Datasheet Search
  English  ▼

X  

SN65LBC173AMDREP.A Datasheet(PDF) 10 Page - Texas Instruments

Part # SN65LBC173AMDREP.A
Description  SN65LBC173A-EP Quadruple RS-485 Differential Line Receiver
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

SN65LBC173AMDREP.A Datasheet(HTML) 10 Page - Texas Instruments

Back Button SN65LBC173AMDREP.A Datasheet HTML 6Page - Texas Instruments SN65LBC173AMDREP.A Datasheet HTML 7Page - Texas Instruments SN65LBC173AMDREP.A Datasheet HTML 8Page - Texas Instruments SN65LBC173AMDREP.A Datasheet HTML 9Page - Texas Instruments SN65LBC173AMDREP.A Datasheet HTML 10Page - Texas Instruments SN65LBC173AMDREP.A Datasheet HTML 11Page - Texas Instruments SN65LBC173AMDREP.A Datasheet HTML 12Page - Texas Instruments SN65LBC173AMDREP.A Datasheet HTML 13Page - Texas Instruments SN65LBC173AMDREP.A Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 22 page
background image
G
G
1A
1B
1Y
2A
2B
2Y
3A
3B
3Y
4A
4B
4Y
Copyright © 2016, Texas Instruments Incorporated
10
SN65LBC173A-EP
SLLSEH1 – NOVEMBER 2016
www.ti.com
Product Folder Links: SN65LBC173A-EP
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
8 Detailed Description
8.1 Overview
The SN65LBC173A is a quadruple differential line receiver with tri-state outputs, designed for TIA/EIA-485 (RS-
485), TIA/EIA-422 (RS-422), and ISO 8482 (Euro RS-485) applications. This device is optimized for balanced
multipoint bus communication at data rates up to and exceeding 50 million bits per second. The transmission
media may be twisted-pair cables, printed-circuit board traces, or backplanes. The ultimate rate and distance of
data transfer is dependent upon the attenuation characteristics of the media and the noise coupling to the
environment.
The receiver operates over a wide range of positive and negative common-mode input voltages, and features
ESD protection to 6 kV, making it suitable for high-speed multipoint data transmission applications in harsh
environments. These devices are designed using LinBiCMOS®, facilitating low-power consumption and
robustness.
The G and G inputs provide enable control logic for either positive- or negative-logic enabling all four drivers.
When disabled or powered off, the receiver inputs present a high-impedance to the bus for reduced system
loading.
8.2 Functional Block Diagram
8.3 Feature Description
The device can be configured using the G and G logic inputs to select receiver output. The high voltage or logic
1 on the G pin allows the device to operate on an active-high, and having a low voltage or logic 0 on the G
enables active low operation. These are simple ways to configure the logic to match that of the receiving or
transmitting controller or microprocessor.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com